Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

892N-1AH-F-V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 892N-1AH-F-V
Description  10mm slim miniature PCB Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

892N-1AH-F-V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  892N-1AH-F-V Datasheet HTML 1Page - List of Unclassifed Manufacturers 892N-1AH-F-V Datasheet HTML 2Page - List of Unclassifed Manufacturers 892N-1AH-F-V Datasheet HTML 3Page - List of Unclassifed Manufacturers 892N-1AH-F-V Datasheet HTML 4Page - List of Unclassifed Manufacturers 892N-1AH-F-V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SONG CHUAN
116
892
Safety Approval Rating
Outline Dimensions
Wiring Diagram
BOTTOM VIEW
1C
1A
PC Board Layout
BOTTOM VIEW
7.62
(0.300)
10.16
(0.400)
2.54
(0.100)
(0.051)
1.3-5
CSA / CUS
TUV
892
892H
892
892H
NO
7A 125VAC
NO
10A 125VAC
NO
7A 120VAC
NO
10A 120VAC
5A 277VAC
7A 277VAC
5A 240VAC
7A 240VAC
NC
3A 125VAC
TV-3
NC
3A 120VAC
NC
5A 120VAC
3A 277VAC
NC
5A 125VAC
3A 240VAC
5A 240VAC
5A 277VAC
VDE
UL /CUL
892
892H
892
892H
NO
5A 250VAC T85
NO
7A 250VAC T85
NO
7A 125VAC
NO
10A 125VAC
NC
3A 250VAC T85
NC
5A 250VAC T85
5A 277VAC
7A 277VAC
1/10HP 125VAC
NC
5A 125VAC
1/6HP 277VAC
5A 277VAC
NC
3A 125VAC
NO/NC
4FLA/4LRA
3A 277VAC
120VAC
20
(0.787)
10.3
(0.406)
7.62
(0.300)
0.5-2
0.5-3
(0.020)
0.4-2
(0.016)
(0.020)
0.7-3
(0.028)


Similar Part No. - 892N-1AH-F-V

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
892NAS-100M TOKO-892NAS-100M Datasheet
92Kb / 1P
   Fixed Inductors for Surface Mounting
892NAS-150M TOKO-892NAS-150M Datasheet
92Kb / 1P
   Fixed Inductors for Surface Mounting
892NAS-180M TOKO-892NAS-180M Datasheet
92Kb / 1P
   Fixed Inductors for Surface Mounting
892NAS-3R3M TOKO-892NAS-3R3M Datasheet
92Kb / 1P
   Fixed Inductors for Surface Mounting
892NAS-4R7M TOKO-892NAS-4R7M Datasheet
92Kb / 1P
   Fixed Inductors for Surface Mounting
More results

Similar Description - 892N-1AH-F-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
   Slim PCB Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com