Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MD112MS05HI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part No. MD112MS05HI
Description  MD100MHI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD112MS05HI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD112MS05HI Datasheet HTML 1Page - MicroPower Direct, LLC MD112MS05HI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MD105MS-05HI
5
4.5 - 5.5
303
55
5.0
200.0
4.0
10
66
500
MD105MS-12HI
5
4.5 - 5.5
291
55
12.0
80.0
2.0
8
66
500
MD105MS-15HI
5
4.5 - 5.5
295
55
15.0
65.0
1.0
8
66
500
MD105MD-05HI
5
4.5 - 5.5
303
55
±5.0
±100.0
±2.0
10
66
500
MD105MD-12HI
5
4.5 - 5.5
267
55
±12.0
±40.0
±1.0
8
72
500
MD105MD-15HI
5
4.5 - 5.5
287
55
±15.0
±35.0
±1.0
8
73
500
MD112MS-05HI
12
10.8 - 13.2
126
30
5.0
200.0
4.0
10
66
200
MD112MS-12HI
12
10.8 - 13.2
121
30
12.0
80.0
2.0
8
66
200
MD112MS-15HI
12
10.8 - 13.2
123
30
15.0
65.0
1.0
8
66
200
MD112MD-05HI
12
10.8 - 13.2
126
30
±5.0
±100.0
±2.0
10
66
200
MD112MD-12HI
12
10.8 - 13.2
108
30
±12.0
±40.0
±1.0
8
74
200
MD112MD-15HI
12
10.8 - 13.2
117
30
±15.0
±35.0
±1.0
8
75
200
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
NC: No Connection
Single Output
µF Max
Dual Output
µF Max
680
±220
Capacitive Load
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. When measuring output ripple, it is recomended that an external 0.33 µF
ceramic capacitor be placed from the +Vout pin to the -Vout pin for single
output units and from each output to common for dual output units.
3. Operation at no-load will not damage these units. However, they may not meet
all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC
output. To do this, connect the load across the positive (+Vout) and negative
(-Vout) outputs and float the output common.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Pin Connections
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn