Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C66SI-1.8TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT93C66SI-1.8TE13
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66SI-1.8TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

  CAT93C66SI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66SI-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
ORDERING INFORMATION
93C46/56/57/66/86 F10
Notes:
(1) The device used in the above example is a 93C46SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
Package
P = PDIP
S = SOIC (JEDEC)
J = SOIC (JEDEC)
K = SOIC (EIAJ)
U = TSSOP
Prefix
Device #
Suffix
93C46
S
I
TE13
Product
Number
93C46: 1K
93C56: 2K
93C57: 2K
93C66: 4K
93C86: 16K
Tape & Reel
TE13: 2000/Reel
-1.8
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
Operating Voltage
Blank (V
cc=2.5 to 6.0V)
1.8 (V
cc=1.8 to 6.0V)
Optional
Company ID


Similar Part No. - CAT93C66SI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66SI ONSEMI-CAT93C66SI Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOSEEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66SI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com