Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

892H-1CC-F-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 892H-1CC-F-C
Description  10mm slim miniature PCB Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

892H-1CC-F-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  892H-1CC-F-C Datasheet HTML 1Page - List of Unclassifed Manufacturers 892H-1CC-F-C Datasheet HTML 2Page - List of Unclassifed Manufacturers 892H-1CC-F-C Datasheet HTML 3Page - List of Unclassifed Manufacturers 892H-1CC-F-C Datasheet HTML 4Page - List of Unclassifed Manufacturers 892H-1CC-F-C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SONG CHUAN
113
892
Type List
Features
10mm slim miniature PCB Power Relay.
UL/CUL
CSA/CUS
TUV
VDE approved.
High CTI 250 material (VDE and E version).
High sensitivity
200 mW & 400mW.
High surge voltage 8,000 V between contacts and coil
Standard Type
High Power Type
Designation (provided with)
Terminal
style
Contact
form
UL Insulation
system approval
Flux tight
Sealed type
Sealed type
washable
----------
892-1AC-C
892-1AC-V
892-1AC-S
1A
F
892-1AC-F-C
892-1AC-F-V
892-1AC-F-S
(SPNO)
----------
892-1AH-C
892-1AH-V
892-1AH-S
F
892-1AH-F-C
892-1AH-F-V
892-1AH-F-S
PCB terminal
----------
892-1CC-C
892-1CC-V
892-1CC-S
1C
F
892-1CC-F-C
892-1CC-F-V
892-1CC-F-S
(SPDT)
----------
892-1CH-C
892-1CH-V
892-1CH-S
F
892-1CH-F-C
892-1CH-F-V
892-1CH-F-S
High Sensitivity Type
----------
892H-1AC-C
892H-1AC-V
892H-1AC-S
1A
F
892H-1AC-F-C
892H-1AC-F-V
892H-1AC-F-S
(SPNO)
----------
892H-1AH-C
892H-1AH-V
892H-1AH-S
F
892H-1AH-F-C
892H-1AH-F-V
892H-1AH-F-S
PCB terminal
----------
892H-1CC-C
892H-1CC-V
892H-1CC-S
1C
F
892H-1CC-F-C
892H-1CC-F-V
892H-1CC-F-S
(SPDT)
----------
892H-1CH-C
892H-1CH-V
892H-1CH-S
F
892H-1CH-F-C
892H-1CH-F-V
892H-1CH-F-S
----------
892N-1AC-C
892N-1AC-V
892N-1AC-S
1A
F
892N-1AC-F-C
892N-1AC-F-V
892N-1AC-F-S
(SPNO)
----------
892N-1AH-C
892N-1AH-V
892N-1AH-S
F
892N-1AH-F-C
892N-1AH-F-V
892N-1AH-F-S
PCB terminal
----------
892N-1CC-C
892N-1CC-V
892N-1CC-S
1C
F
892N-1CC-F-C
892N-1CC-F-V
892N-1CC-F-S
(SPDT)
----------
892N-1CH-C
892N-1CH-V
892N-1CH-S
F
892N-1CH-F-C
892N-1CH-F-V
892N-1CH-F-S
Comply with RoHS-Directive 2011/65/EU.
(1.2×50μs).


Similar Part No. - 892H-1CC-F-C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
892-000 GLENAIR-892-000 Datasheet
648Kb / 2P
   Circular Breakaway
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
   Circular Breakaway
More results

Similar Description - 892H-1CC-F-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
   Slim PCB Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com