Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM19088BUB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM19088BUB
Description  LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM19088BUB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM19088BUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM19088BUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM19088BUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121821
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.90 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM19088A (Common Cathode Row)
LM19088B (Common Anode Row)
3,6,9,12,13,16,19,22 NO PIN
8
10
4
5
6
7
3
14
7
17
4
20
8
7
6
4
5
3
2
ROW
NO.
1
23
PIN
NO.
1
COL.
PIN
1
24
2
2
3
21
4
5
5
18
6
8
7
15
8
11
2
ROW
1
3,6,9,12,13,16,19,22 NO PIN
10
14
7
4
17
20
7
15
3
21
1
24
NO.
1
PIN
23
NO.
COL.
PIN
2
2
5
18
4
5
6
8
8
11
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM19088AR
LM19088BR
GaAlAs
Super Red
640
8
10
LM19088AD
LM19088BD
GaAlAs
Hi-Red
640
18
25
LM19088AO
LM19088BO
GaAsP
Orange
625
7
9
LM19088AY
LM19088BY
GaAsP
Yellow
588
8
10
LM19088AG
LM19088BG
GaP
Green
568
7
9
LM19088AUR
LM19088BUR
AlGaInP
Ultra Red
640
30
45
LM19088AUO
LM19088BUO
AlGaInP
Ultra Orange
625
45
60
LM19088AUA
LM19088BUA
AlGaInP
Ultra Amber
605
30
45
LM19088AUY
LM19088BUY
AlGaInP
Ultra Yellow
595
30
45
LM19088AUG
LM19088BUG
AlGaInP
Ultra Green
573
30
45
LM19088APG
LM19088BPG
InGaN
Pure Green
525
120
300
LM19088AUB
LM19088BUB
InGaN
Ultra Blue
470
30
45
LM19088AUW
LM19088BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM19088BUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CG LIGHTKEY-LM19088CG Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CO LIGHTKEY-LM19088CO Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CPG LIGHTKEY-LM19088CPG Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CR LIGHTKEY-LM19088CR Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results

Similar Description - LM19088BUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088KL LIGHTKEY-LM19088KL Datasheet
300Kb / 3P
   LM19088K/L Series . 1.90 inch 8x8 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM15088AB LIGHTKEY-LM15088AB Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com