Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D2251025B23 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 595D2251025B23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D2251025B23 Datasheet(HTML) 4 Page - Vishay Siliconix

  595D2251025B23 Datasheet HTML 1Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 2Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 3Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 4Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 5Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 6Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 7Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 8Page - Vishay Siliconix 595D2251025B23 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 20-Jan-14
4
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
2.2
T
595D225(1)010T(2)(3)
0.5
6
8.60
0.06
3.3
A
595D335(1)010A(2)(3)
0.5
6
3.80
0.14
4.7
T
595D475(1)010T(2)(3)
0.5
6
8.60
0.06
4.7
A
595D475(1)010A(2)(3)
0.5
6
3.60
0.14
6.8
A
595D685(1)010A(2)(3)
0.7
6
3.60
0.14
10
A
595D106(1)010A(2)(3)
1.0
6
1.90
0.20
15
A
595D156(1)010A(2)(3)
1.5
6
1.80
0.20
15
B
595D156(1)010B(2)(3)
1.5
6
0.67
0.36
22
A
595D226(1)010A(2)(3)
2.2
6
1.80
0.20
22
B
595D226(1)010B(2)(3)
2.2
6
1.90
0.21
33
A
595D336(1)010A(2)(3)
3.3
8
3.00
0.16
33
B
595D336(1)010B(2)(3)
3.3
6
1.90
0.21
47
B
595D476(1)010B(2)(3)
4.7
6
0.65
0.36
47
C
595D476(1)010C(2)(3)
4.7
6
0.30
0.61
68
B
595D686(1)010B(2)(3)
6.8
6
0.65
0.36
68
C
595D686(1)010C(2)(3)
6.8
6
0.24
0.68
100
B
595D107(1)010B(2)(3)
10.0
12
0.40
0.46
100
C
595D107(1)010C(2)(3)
10.0
8
0.20
0.74
100
D
595D107(1)010D(2)(3)
8.0
7
0.15
1.00
120
C
595D127(1)010C(2)(3)
12.0
7
0.22
0.71
120
D
595D127(1)010D(2)(3)
12.0
8
0.14
1.04
150
C
595D157(1)010C(2)(3)
15.0
8
0.22
0.71
150
D
595D157(1)010D(2)(3)
15.0
8
0.14
1.04
180
D
595D187(1)010D(2)(3)
18.0
7
0.38
0.63
180
R
595D187(1)010R(2)(3)
18.0
8
0.13
1.39
220
C
595D227(1)010C(2)(3)
22.0
8
0.20
0.74
220
D
595D227(1)010D(2)(3)
22.0
8
0.14
1.04
220
R
595D227(1)010R(2)(3)
22.0
8
0.13
1.39
270
R
595D277(1)010R(2)(3)
27.0
8
0.13
1.39
330
D
595D337(1)010D(2)(3)
33.0
8
0.14
1.04
330
R
595D337(1)010R(2)(3)
33.0
8
0.13
1.39
390
R
595D397(1)010R(2)(3)
39.0
8
0.12
1.44
470
R
595D477(1)010R(2)(3)
47.0
8
0.12
1.44
680
R
595D687(1)010R(2)(3)
68.0
14
0.09
1.67
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
1.5
T
595D155(1)016T(2)(3)
0.5
6
8.70
0.06
2.2
T
595D225(1)016T(2)(3)
0.5
6
8.70
0.06
2.2
A
595D225(1)016A(2)(3)
0.5
5
3.90
0.14
3.3
T
595D335(1)016T(2)(3)
0.5
6
8.60
0.06
4.7
A
595D475(1)016A(2)(3)
0.8
6
2.90
0.16
6.8
A
595D685(1)016A(2)(3)
1.1
6
2.80
0.16
10
A
595D106(1)016A(2)(3)
1.6
6
2.50
0.17
10
B
595D106(1)016B(2)(3)
1.6
6
0.76
0.33
15
A
595D156(1)016A(2)(3)
2.4
6
2.40
0.18
15
B
595D156(1)016B(2)(3)
2.4
6
0.75
0.34
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”; for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 595D2251025B23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D2251020A23 VISHAY-595D2251020A23 Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 595D2251025B23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com