Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141-W Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 8-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-W Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 8-141-W Datasheet HTML 24Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 25Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 26Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 27Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 28Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 29Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 30Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 31Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 282 page
background image
2-25
Call Toll Free: 1 (800) 323-9612
Barrier Blocks
Series 541
Electrical Characteristics
Voltage Rating: 600 Volts maximum
Current Rating: 20 Amps
Maximum Watts Per Terminal: 5000
Mechanical Characteristics
Maximum Wire Size: #14
Recommended Tightening Torque: 12 lb.-in.
Dimensions
Ordering Information
Marketed exclusively through distribution.
No. of
“M”
“L”
Marker Strip
Terminals
Catalog No.
Dim. (in)
Dim. (in)
Catalog No.
2
2-541
1.314
1.626
MSX-2-541
3
3-541
1.752
2.064
MSX-3-541
4
4-541
2.190
2.502
MSX-4-541
5
5-541
2.628
2.940
MSX-5-541
6
6-541
3.066
3.378
MSX-6-541
7
7-541
3.504
3.816
MSX-7-541
8
8-541
3.942
4.254
MSX-8-541
9
9-541
4.380
4.692
MSX-9-541
10
10-541
4.818
5.130
MSX-10-541
11
11-541
5.256
5.568
MSX-11-541
12
12-541
5.694
6.006
MSX-12-541
13
13-541
6.132
6.444
MSX-13-541
14
14-541
6.570
6.882
MSX-14-541
15
15-541
7.008
7.320
MSX-15-541
16
16-541
7.446
7.758
MSX-16-541
17
17-541
7.884
8.196
MSX-17-541
18
18-541
8.322
8.634
MSX-18-541
19
19-541
8.760
9.072
MSX-19-541
20
20-541
9.198
9.510
MSX-20-541
21
21-541
9.636
9.948
MSX-21-541
22
22-541
10.074
10.386
MSX-22-541
23
23-541
10.512
10.824
MSX-23-541
24
24-541
10.950
11.262
MSX-24-541
25
25-541
11.388
11.700
MSX-25-541
26
26-541
11.826
12.138
MSX-26-541
27
27-541
12.264
12.576
MSX-27-541
28
28-541
12.702
13.014
MSX-28-541
29
29-541
13.140
13.452
MSX-29-541
30
30-541
13.578
13.890
MSX-30-541
.438 Density, 6-32 x 1/4"
BH Screw, Closed Bottom,
Double Row


Similar Part No. - 8-141-W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com