Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141-W Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 8-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-W Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 8-141-W Datasheet HTML 21Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 22Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 23Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 24Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 25Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 26Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 27Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 28Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 282 page
background image
Solder Terminal Options
Dimensions
“Y” Terminals
“3/4W” Terminals
Ordering Information
2-21
Call Toll Free: 1 (800) 323-9612
Barrier Blocks
Series 164
.375 Density, 6-32 x 1/4"
BH Screw, Open Bottom,
Double Row
“W” Terminals
Marketed exclusively through distribution.
No. of
Terminals
Catalog No.
Catalog No.
Catalog No.
1
1-164-Y
1-164-3/4W
1-164-W
2
2-164-Y
2-164-3/4W
2-164-W
3
3-164-Y
3-164-3/4W
3-164-W
4
4-164-Y
4-164-3/4W
4-164-W
5
5-164-Y
5-164-3/4W
5-164-W
6
6-164-Y
6-164-3/4W
6-164-W
7
7-164-Y
7-164-3/4W
7-164-W
8
8-164-Y
8-164-3/4W
8-164-W
9
9-164-Y
9-164-3/4W
9-164-W
10
10-164-Y
10-164-3/4W
10-164-W
11
11-164-Y
11-164-3/4W
11-164-W
12
12-164-Y
12-164-3/4W
12-164-W
13
13-164-Y
13-164-3/4W
13-164-W
14
14-164-Y
14-164-3/4W
14-164-W
15
15-164-Y
15-164-3/4W
15-164-W
16
16-164-Y
16-164-3/4W
16-164-W
17
17-164-Y
17-164-3/4W
17-164-W
18
18-164-Y
18-164-3/4W
18-164-W
19
19-164-Y
19-164-3/4W
19-164-W
20
20-164-Y
20-164-3/4W
20-164-W
21
21-164-Y
21-164-3/4W
21-164-W


Similar Part No. - 8-141-W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com