Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F010P-12T Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT28F010P-12T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010P-12T Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT28F010P-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT28F010
3
Doc. No. 25005-0A 2/98 F-1
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................... –55
°C to +95°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
Voltage on Pin A9 with
Respect to Ground(1) ................... –2.0V to +13.5V
VPP with Respect to Ground
during Program/Erase(1) .............. –2.0V to +14.0V
VCC with Respect to Ground(1) ............ –2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) .................................. 1.0 W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Test Method
NEND(3)
Endurance
100K
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
10
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
CAPACITANCE TA = 25°C, f = 1.0 MHz
Limits
Symbol
Test
Min
Max.
Units
Conditions
CIN(3)
Input Pin Capacitance
6
pF
VIN = 0V
COUT(3)
Output Pin Capacitance
10
pF
VOUT = 0V
CVPP(3)
VPP Supply Capacitance
25
pF
VPP = 0V
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.


Similar Part No. - CAT28F010P-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010P-12T CATALYST-CAT28F010P-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F010P-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com