Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141-34W Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # 8-141-34W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-34W Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button 8-141-34W Datasheet HTML 61Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 62Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 63Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 64Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 65Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 66Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 67Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 68Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 282 page
background image
2-63
CARDCON
Edge Connector
Commercial
.100" (2.54mm) Density
Dip Solder
Dimensions
No. of
Pos./Cont.
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
12/24
1.000
25.40
1.100
27.94
1.300
33.02
1.460
37.08
1.775
45.09
2.035
51.69
15/30
1.300
33.02
1.400
35.56
1.600
40.64
1.760
44.70
2.075
52.71
2.335
59.31
18/36
1.600
40.64
1.700
43.18
1.900
48.26
2.060
52.32
2.375
60.33
2.635
66.93
18/36+
31/62IBM
5.000
127.00
5.100
129.54
5.300
134.62
5.460
138.68
5.775
146.69
6.035 153.29
20/40
1.800
45.72
1.900
48.26
2.100
53.34
2.260
57.40
2.575
65.41
2.835
72.01
22/24
2.000
50.80
2.100
53.34
2.300
58.42
2.460
62.48
2.775
70.49
3.035
77.09
25/50
2.300
58.42
2.400
60.96
2.600
66.04
2.760
70.10
3.075
78.11
3.335
84.71
28/56
2.600
66.04
2.700
68.58
2.900
73.66
3.060
77.72
3.375
85.73
3.635
92.33
30/60
2.800
71.12
2.900
73.66
3.100
78.74
3.260
82.80
3.575
90.81
3.835
97.41
31/62
2.900
73.66
3.000
76.20
3.200
81.28
3.360
85.34
3.675
93.35
3.935
99.95
31/62IBM
2.900
73.66
3.000
76.20
3.200
81.28
3.360
85.34
3.675
93.35
3.935
99.95
36/72
3.400
86.36
3.500
88.90
3.700
93.98
3.860
98.04
4.175
106.05
4.435 112.63
37/74
3.500
88.90
3.600
91.44
3.800
96.52
3.960
100.58
4.275
108.59
4.535 115.19
40/80
3.800
96.52
3.900
99.06
4.100
104.14
4.260
108.20
4.575
116.21
4.835 122.81
43/86
4.100
104.14
4.200
106.68
4.400
111.76
4.560
115.82
4.875
123.83
5.135 130.43
44/88
4.200
106.68
4.300
109.22
4.500
114.30
4.660
118.36
4.975
126.37
5.235 132.97
49/98
4.700
119.38
4.800
121.92
5.000
127.00
5.160
131.06
5.475
139.07
5.735 145.67
50/100
4.800
121.92
4.900
124.46
5.100
129.54
5.260
133.60
5.575
141.61
5.835 148.21
52/104
5.000
127.00
5.100
129.54
5.300
134.62
5.460
138.68
5.775
146.69
6.035 153.29
60/120
5.800
147.32
5.900
149.86
6.100
154.94
6.260
159.00
6.575
167.01
6.835 173.61
70/140
6.800
172.72
6.900
175.26
7.100
180.34
7.260
184.40
7.575
192.41
7.835 199.01
Ordering Information
A
B
CDE
F
.128" (3.25mm)
4-40
No. of
Less Mounting Ears
Mounting Holes
Threaded Holes
Pos./Cont.
Catalog No.
Catalog No.
Catalog No.
12/24
50-12SN-12
50-12SN-11
50-12SN-13
15/30
50-15SN-12
50-15SN-11
50-15SN-13
18/36
50-18SN-12
50-18SN-11
50-18SN-13
18/36+
31/62 IBM
50-52SN-AT
-
-
20/40
50-20SN-12
50-20SN-11
50-20SN-13
22/44
50-22SN-12
50-22SN-11
50-22SN-13
25/50
50-25SN-12
50-25SN-11
50-25SN-13
28/56
50-28SN-12
50-28SN-11
50-28SN-13
30/60
50-30SN-12
50-30SN-11
50-30SN-13
31/62
50-31SN-12
50-31SN-11
50-31SN-13
31/62 IBM
50-31SN-XT
-
-
36/72
50-36SN-12
50-36SN-11
50-36SN-13
37/74
50-37SN-12
50-37SN-11
50-37SN-13
40/80
50-40SN-12
50-40SN-11
50-40SN-13
43/86
50-43SN-12
50-43SN-11
50-43SN-13
44/88
50-44SN-12
50-44SN-11
50-44SN-13
49/98
50-49SN-12
50-49SN-11
50-49SN-13
50/100
50-50SN-12
50-50SN-11
50-50SN-13
52/104
50-52SN-12
50-52SN-11
50-52SN-13
60/120
50-60SN-12
50-60SN-11
50-60SN-13
70/140
50-70SN-12
50-70SN-11
50-70SN-13
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 8-141-34W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-34W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com