Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1N3821A Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part No. 1N3821A
Description  1 WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDI-DIODE [Compensated Deuices Incorporated]
Homepage  
Logo 

1N3821A Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N3821A thru 1N3828A
and
1N3821A-1 thru 1N3828A-1
1000
100
10
1
.1
1.0
10
100
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
0
25
50
75
100
125
150
175
TL , Lead temperature (°C), 3/8” from body
POWER DERATING CURVE
1000
800
600
400
200
0
FIGURE 2
1N3829A
1N3822A
1N3826A


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N47281.0 Watt Zener Diode 3.3 to 100 Volts 1 2 3 Micro Commercial Components
BZV55C2V4SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT 2.4 THRU 75 VOLTS ± 5ANCE 1 2 Central Semiconductor Corp
DL47281 Watt Zener Diode 3.3 to 100 Volts 1 2 Micro Commercial Components
1N5926B1.5 Watt Zener Diode 11 to 200 Volts 1 2 3 4 Micro Commercial Components
CMZ5921BSURFACE MOUNT SILICON ZENER DIODE 1.5 WATT 6.8 THRU 200 VOLTS ± 5% TOLERANCE 1 2 Central Semiconductor Corp
CPZ18Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
NTE5000AZener Diode 1/2 Watt ±5% Tolerance 1 2 3 NTE Electronics
CPZ19Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
BZX2C3V62 Watt Zener Diode 3.6 to 200 Volts 1 2 Micro Commercial Components
NTE5061AZener Diode 1 Watt ±5% Tolerance 1 2 3 NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn