Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-141-34W Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # 4-141-34W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-34W Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button 4-141-34W Datasheet HTML 60Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 61Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 62Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 63Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 64Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 65Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 66Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 67Page - List of Unclassifed Manufacturers 4-141-34W Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 282 page
background image
CARDCON
Edge Connector
Commercial
■ AT and XT versions available.
■ Dip solder tails on .200" (5.08mm) row centers double readout.
■ Bifurcated semi-bellows contacts for added contact reliability.
■ Ideal for applications involving vibration or board irregularities.
■ Contact positions: 12, 15, 18, 20, 22, 25, 28, 30, 31, 36, 37, 40, 43, 44, 49,
50, 52, 60, 70, AT, and XT.
■ Accepts .062" (1.59mm) thick PC boards.
■ Available less mounting ears, or with .128" (3.25mm) mounting holes or
4-40 threaded holes.
■ Meets applicable performance criteria of MIL-C-21097.
■ Tube packaging available.
■ UL Recognized - file E170218 (UL1977) E130965 (UL1863).
.100" (2.54mm) Density
Dip Solder
Insulation Material: UL 94V-0 rated glass-filled polyester, black
Contact Material: Spring brass
Standard Contact Plating: 10
µin. selective gold over nickel, 50µin.
nickel in contact area, tin on tails
XT, AT Plating: 30
µin. selective gold over 50µin. nickel in contact
area, tin on tails
Withstanding Voltage:
650 VAC RMS (@ sea level)
Current Rating:
3 Amps
Contact Resistance:
10 Milliohms maximum
Insulation Resistance:
5000 Megohms minimum
Individual Contact Insertion and Separation Force:
12oz. maximum with .070" (1.78mm) blade;
1 oz. minimum with .054" (1.37mm) blade
Shock: Per MIL-STD-202E, Method 213, Condition C
Operating Temperature: -65°C to +105°C
Vibration: Per MIL-STD-202E, Method 204, Condition B
Humidity: Per MIL-STD-202, Method 103, Condition B
Accessories:
Polarizing Key: Two types (order separately):
a) for between-contact polarization and
b) for in-contact polarization.
See page 2-74 for more information.
Card Guide Posts: (order separately)
Attach to mounting ears and guide PC board into
connector. See page 2-74 for more information.
2-62
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 4-141-34W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-4 ETC2-4-141-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-6 ETC2-4-141-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-8 ETC2-4-141-8 Datasheet
10Mb / 64P
   Every edding a specialist
More results

Similar Description - 4-141-34W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com