Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C66 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT93C66
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT93C66 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to Ground(1) ............ –2.0V to +VCC +2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
1,000,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Standby Current (ISB2)=0µA (<900nA) for 93C46/56/57/66, (ISB2)=2µA for 93C86.
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC1
Power Supply Current
3
mA
fSK = 1MHz
(Operating Write)
VCC = 5.0V
ICC2
Power Supply Current
500
µAfSK = 1MHz
(Operating Read)
VCC = 5.0V
ISB1
Power Supply Current
10
µA
CS = 0V
(Standby) (x8 Mode)
ORG=GND
ISB2(5)
Power Supply Current
0
µA
CS=0V
(Standby) (x16Mode)
ORG=Float or VCC
ILI
Input Leakage Current
1
µAVIN = 0V to VCC
ILO
Output Leakage Current
1
µAVOUT = 0V to VCC,
(Including ORG pin)
CS = 0V
VIL1
Input Low Voltage
-0.1
0.8
4.5V
≤VCC<5.5V
VIH1
Input High Voltage
2
VCC+1
VIL2
Input Low Voltage
0
VCCX0.2
1.8V
≤VCC<2.7V
VIH2
Input High Voltage
VCCX0.7
VCC+1
VOL1
Output Low Voltage
0.4
4.5V
≤VCC<5.5V
VOH1
Output High Voltage
2.4
IOL = 2.1mA
IOH = -400
µA
VOL2
Output Low Voltage
0.2
1.8V
≤VCC<2.7V
VOH2
Output High Voltage
VCC-0.2
IOL = 1mA
IOH = -100
µA
V
V
V
V
V
V
V


Similar Part No. - CAT93C66

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOSEEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com