Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C257T13-12T Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT28C257T13-12T
Description  256K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C257T13-12T Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT28C257T13-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT28C257
10
Doc. No. 25073-00 2/98
Advanced
To activate the software data protection, the device must
be sent three write commands to specific addresses with
specific data (Figure 9). This sequence of commands
(along with subsequent writes) must adhere to the page
write timing specifications (Figure 11). Once this is done,
all subsequent byte or page writes to the device must be
preceded by this same set of write commands. The data
protection mechanism is activated until a deactivate
sequence is issued regardless of power on/off transi-
tions. This gives the user added inadvertent write pro-
tection on power-up in addition to the hardware protec-
tion provided.
To allow the user the ability to program the device with
an E2PROM programmer (or for testing purposes) there
is a software command sequence for deactivating the
data protection. The six step algorithm (Figure 10) will
reset the internal protection circuitry, and the device will
return to standard operating mode (Figure 12 provides
reset timing). After the sixth byte of this reset sequence
has been issued, standard byte or page writing can
commence.
Figure 11. Software Data Protection Timing
5096 FHD F13
CE
WE
tWP
AA
5555
55
2AAA
A0
5555
DATA
ADDRESS
tBLC
tWC
BYTE OR
PAGE
WRITES
ENABLED
Figure 12. Resetting Software Data Protection Timing
CE
WE
AA
5555
55
2AAA
DATA
ADDRESS
tWC
80
5555
AA
5555
55
2AAA
20
5555
SDP
RESET
DEVICE
UNPROTECTED
5096 FHD F14
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28C257HNI-90T (100,000 Cycle Endurance, PLCC, Industrial temperature, 200 ns
Access Time, Tape & Reel).
28C257 F17a
Speed
90: 90ns
12: 120ns
15: 150ns
Prefix
Device #
Suffix
28C257
Product
Number
CAT
Optional
Company
ID
NI
T
Tape & Reel
T: 500/Reel
Package
P: PDIP
N: PLCC
T13: TSOP (8mmx13.4mm)
-90
Temperature Range
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚ to +105˚C)*
H
Endurance
Blank = 10,000 Cycle
H = 100,000 Cycle
* -40˚C to +125˚C is available upon request


Similar Part No. - CAT28C257T13-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C257G-12T CATALYST-CAT28C257G-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-15T CATALYST-CAT28C257G-15T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257GA-12T CATALYST-CAT28C257GA-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C257T13-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com