Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C323PA-25TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT24C323PA-25TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C323PA-25TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24C323PA-25TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C323PA-25TE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT24C323/643
6
Advanced
Doc. No. 25084-00 12/98
Hardware Data Protection
The 24CXXX is designed with the following hardware
data protection features to provide a high degree of data
integrity.
(1) The 24CXXX features a WP pin. When WP pin is tied
high the entire memory array becomes write protected
(read only).
(2) The VCC sense provides write protection when VCC
falls below the reset threshold value (VTH). The VCC lock
out inhibits writes to the serial EEPROM whenever VCC
falls below (power down) VTH or until VCC reaches the
reset threshold (power up) VTH.
Reset Threshold Voltage
From the factory the 24CXXX is offered in five different
variations of reset threshold voltages. They are 4.50-
4.75V, 4.25-4.50V, 3.00-3.15V, 2.85-3.00V and 2.55-
2.70V. To provide added flexibility to design engineers
using this product, the 24CXXX is designed with an
additional feature of programming the reset threshold
voltage. This allows the user to change the existing
reset threshold voltage to one of the other four reset
threshold voltages. Once the reset threshold voltage is
selected it will not change even after cycling the power,
unless the user uses the programmer to change the
reset threshold voltage. However, the programming
function is available only through third party programmer
manufacturers. Please call Catalyst for a list of program-
mer manufacturers who support this function.
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
Figure 3. Write Cycle Timing
START BIT
SDA
STOP BIT
SCL
Figure 4. Start/Stop Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
Figure 2. Bus Timing


Similar Part No. - CAT24C323PA-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
CAT24C32 ONSEMI-CAT24C32 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
More results

Similar Description - CAT24C323PA-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com