Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D1061035D2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 593D1061035D2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D1061035D2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 593D1061035D2 Datasheet HTML 2Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 3Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 4Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 5Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 6Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 7Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 8Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 9Page - Vishay Siliconix 593D1061035D2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
6
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT + 85 °C; 17 VDC AT + 125 °C
1.0
A
593D105(1)025A(2)
0.5
4
4.000
0.14
1.5
A
593D155(1)025A(2)
0.5
6
4.000
0.14
2.2
A
593D225(1)025A(2)
0.6
6
4.000
0.14
2.2
B
593D225(1)025B(2)
0.6
6
1.500
0.24
3.3
B
593D335(1)025B(2)
0.8
6
1.500
0.24
4.7
B
593D475(1)025B(2)
1.2
6
1.500
0.24
4.7
C
593D475(1)025C(2)
1.2
6
0.525
0.46
6.8
C
593D685(1)025C(2)
1.7
6
0.500
0.47
10
C
593D106(1)025C(2)
2.5
6
0.450
0.49
15
C
593D156(1)025C(2)
3.8
6
0.425
0.51
15
D
593D156(1)025D(2)
3.8
6
0.250
0.77
22
D
593D226(1)025D(2)
5.5
6
0.200
0.87
33
D
593D336(1)025D(2)
8.3
6
0.200
0.87
33
E
593D336(1)025E(2)
8.3
6
0.200
0.91
47
E
593D476(1)025E(2)
11.8
6
0.200
0.91
35 VDC AT + 85 °C; 23 VDC AT + 125 °C
0.47
A
593D474(1)035A(2)
0.5
4
4.000
0.14
0.68
A
593D684(1)035A(2)
0.5
4
4.000
0.14
1.0
A
593D105(1)035A(2)
0.5
4
4.000
0.14
1.0
B
593D105(1)035B(2)
0.5
4
2.000
0.21
1.5
B
593D155(1)035B(2)
0.5
6
2.000
0.21
1.5
C
593D155(1)035C(2)
0.5
6
0.900
0.35
2.2
B
593D225(1)035B(2)
0.8
6
2.000
0.21
2.2
C
593D225(1)035C(2)
0.8
6
0.900
0.40
3.3
C
593D335(1)035C(2)
1.2
6
0.700
0.45
4.7
C
593D475(1)035C(2)
1.6
6
0.500
0.47
6.8
C
593D685(1)035C(2)
2.4
6
0.475
0.48
6.8
D
593D685(1)035D(2)
2.4
6
0.300
0.71
10
C
593D106(1)035C(2)
3.5
6
0.450
0.49
10
D
593D106(1)035D(2)
3.5
6
0.300
0.71
15
D
593D156(1)035D(2)
5.3
6
0.300
0.71
15
E
593D156(1)035E(2)
5.3
6
0.300
0.74
22
D
593D226(1)035D(2)
7.7
6
0.300
0.71
22
E
593D226(1)035E(2)
7.7
6
0.275
0.77
50 VDC AT + 85 °C; 33 VDC AT + 125 °C
1.0
B
593D105(1)050B(2)
0.5
4
2.000
0.21
1.0
C
593D105(1)050C(2)
0.5
4
1.600
0.26
1.5
B
593D155(1)050B(2)
0.8
6
2.000
0.21
1.5
C
593D155(1)050C(2)
0.8
6
1.500
0.27
2.2
C
593D225(1)050C(2)
1.1
6
1.500
0.27
2.2
D
593D225(1)050D(2)
1.1
6
0.800
0.43
3.3
C
593D335(1)050C(2)
1.7
6
1.500
0.27
3.3
D
593D335(1)050D(2)
1.7
6
0.800
0.43
4.7
D
593D475(1)050D(2)
2.4
6
0.600
0.50
4.7
E
593D475(1)050E(2)
1.9
6
0.600
0.50
6.8
D
593D685(1)050D(2)
3.4
6
0.600
0.50
6.8
E
593D685(1)050E(2)
3.4
6
0.550
0.55
10
D
593D106(1)050D(2)
5.0
6
0.550
0.52
10
E
593D106(1)050E(2)
5.0
6
0.550
0.55
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: X0, X9, X5
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W


Similar Part No. - 593D1061035D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X0010A VISHAY-593D106X0010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D106X0010A2T VISHAY-593D106X0010A2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
593D106X0010A2W VISHAY-593D106X0010A2W Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
593D106X0010A4T VISHAY-593D106X0010A4T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
593D106X0010A4W VISHAY-593D106X0010A4W Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 593D1061035D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com