Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # 8-141
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 8-141 Datasheet HTML 43Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 44Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 45Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 46Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 47Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 48Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 49Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 50Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 282 page
background image
2-44
DURA-CON®
High Reliability
All-Plastic
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
2
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
Deep Bracket
300 Series Deep Bracket (DB)
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
2
P-302-DB
S-302-DB
3
P-303-DB
S-303-DB
4
P-304-DB
S-304-DB
6
P-306-DB
S-306-DB
8
N/A
N/A
10
N/A
N/A
12
P-312-DB
N/A
15
P-315-DB
S-315-DB
18
P-318-DB
S-318-DB
21
P-321-DB
S-321-DB
24
P-324-DB
S-324-DB
27
P-327-DB
S-327-DB
30
P-330-DB
S-330-DB
33
P-333-DB
S-333-DB
Dimensions
Y = length of plug or socket tails.
LM
No. of
±.063 (1.60mm)
±.031 (.79mm)
Polarizing
Contacts
in
mm
in
mm
Pin
15
2.813
71.44
2.375
60.33
NO
18
3.125
79.38
2.688
68.28
NO
21
3.437
87.31
3.000
76.20
NO
24
3.750
95.25
3.313
84.15
14
27
4.063
103.19
3.625
92.08
14
30
4.375
111.13
3.938
100.03
14
33
4.688
119.06
4.250
107.95
17
AB
C
Reference
in
mm
in
mm
in
mm
302-DB thru
312-DB
1.453
36.91
1.125
28.58
1.750
38.10
315-DB
2.000
50.80
1.438
36.53
2.376
60.35
318-DB
2.313
58.75
1.438
36.53
2.688
68.28
321-DB
2.625
66.68
1.438
36.53
3.000
76.20
324-DB
2.938
74.63
1.438
36.53
3.312
84.12
327-DB
3.250
82.55
1.438
36.53
3.626
92.10
330-DB
3.562
90.47
1.438
36.53
3.938
100.03
333-DB
3.875
98.43
1.438
36.53
4.250
107.95
Panel Cutout Dimensions
Marketed exclusively through distribution.


Similar Part No. - 8-141

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com