Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34WC02PA-1.8TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT34WC02PA-1.8TE13
Description  2K-Bit I2C Serial EEPROM, Serial Presence Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34WC02PA-1.8TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT34WC02PA-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34WC02PA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT34WC02
2K-Bit I2C Serial EEPROM, Serial Presence Detect
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
DIP Package (P)
24CXX F03
TSSOP Package (U)
SOIC Package (J)
FEATURES
s 400 KHz (5V) and 100 KHz (1.8V) I2C bus
compatible
s 1.8 to 6.0 volt operation
s Low power CMOS technology
– zero standby current
s 16-byte page write buffer
s Commercial, industrial and automotive
temperature ranges
s Self-timed write cycle with auto-clear
s Software write protection for lower 128 bytes
s 1,000,000 program/erase cycles
s 100 year data retention
s 8-pin DIP, 8-pin SOIC and 8-pin TSSOP packages
s 256 x 8 memory organization
s Hardware write protect
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SCL
A0
A1
A2
SDA
WP
DESCRIPTION
The CAT34WC02 is a 2K-bit Serial CMOS EEPROM
internally organized as 256 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces de-
vice power requirements. The CAT34WC02 features a
16-byte page write buffer. The device operates via the
I2C bus serial interface and is available in 8-pin DIP, 8-
pin SOIC or 8-pin TSSOP packages.
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
A2
A0
A1
VSS
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
A1
A2
VSS
VCC
WP
SCL
SDA
Doc No. 1003, Rev. A


Similar Part No. - CAT34WC02PA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02GYITE13A CATALYST-CAT34WC02GYITE13A Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02GYITE13C CATALYST-CAT34WC02GYITE13C Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02GYITE13E CATALYST-CAT34WC02GYITE13E Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02UITE13A CATALYST-CAT34WC02UITE13A Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34WC02PA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
logo
STMicroelectronics
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Microchip Technology
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com