Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1860STM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM1860STM
Description  1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM1860STM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM1860STM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1860STM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1860STM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1860STM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.3
OM1860STM OM1860NKM OM1860NHM
OUT
ADJ
IN
V
IN
V
+
TTL
2N3904
1k
1k
365
1%
121
1%
5V
V
10µF
+
100µF
OUT
ADJ
IN
VV
R1
121
V
C2
100µF
R2
5k
+
*NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
OUT
VOUT=1.25V
)
R2
(
+
1 __
R1
C1
10µF
+
1.2V - 15V Adjustable Regulator
5V Regulator with Shutdown
TYPICAL APPLICATIONS
OM1860
OM1860
1.197
1.177
0.675
0.655
0.188 R.
MAX.
0.440
0.420
0.161
0.151
0.525 R.
MAX.
0.225
0.205
SEATING
PLANE
0.312
MIN.
0.450
0.250
0.043
0.038
2 PLCS.
0.135
MAX.
0.875
MAX.
1.53
REF.
MECHANICAL OUTLINE TO-3
OM1860NKM
PIN OUT
1
Adjust
2VIN
Case
VOUT
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
OM1860STM
NOTES
• Case is metal/hermetically sealed
• Isolated Tab
4
12
3
PIN OUT
1
Adjust
2VOUT
3VIN
4
Isolated
MECHANICAL OUTLINE TO-39
OM1860NHM TO-39
Pin 1
Adjust
Pin 2
Input
Case
Output


Similar Part No. - OM1860STM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
More results

Similar Description - OM1860STM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
logo
List of Unclassifed Man...
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com