Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F102T14-55T Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT28F102T14-55T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F102T14-55T Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28F102T14-55T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 11Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 12Page - Catalyst Semiconductor CAT28F102T14-55T Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT28F102
9
Doc. No. 25038-0A 2/98 F-1
WRITE OPERATIONS
The following operations are initiated by observing the
sequence specified in the Write Command Table.
Read Mode
The device can be put into a standard READ mode by
initiating a write cycle with XX00H on the data bus. The
subsequent read cycles will be performed similar to a
standard EPROM or E2PROM Read.
Signature Mode
An alternative method for reading device signature (see
Read Operations Signature Mode), is initiated by writing
the code XX90H into the command register while keep-
ing VPP high. A read cycle from address 0000H with CE
and OE low (and WE high) will output the device signa-
ture.
CATALYST Code = 0000 0000 0011 0001 (0031H)
Figure 6. A.C. Timing for Erase Operation
A Read cycle from address 0001H retrieves the binary
code for the device on outputs I/O0 to I/O7.
28F102 Code = 0000 0000 0101 0001 (0051H)
Erase Mode
During the first Write cycle, the command XX20H is
written into the command register. In order to commence
the erase operation, the identical command of XX20H
has to be written again into the register. This two-step
process ensures against accidental erasure of the
memory contents. The final erase cycle will be stopped
at the rising edge of WE, at which time the Erase Verify
command (XXA0H) is sent to the command register.
During this cycle, the address to be verified is sent to the
address bus and latched when WE goes low. An inte-
grated stop timer allows for automatic timing control over
this operation, eliminating the need for a maximum
erase timing specification. Refer to AC Characteristics
(Program/Erase) for specific timing parameters.
ADDRESSES
28F102 F06
CE (E)
OE (G)
WE (W)
DATA (I/O)
VCC
VPP
tWC
tWC
tRC
tCS
tCH
tCS
tCH
tCH
tEHQZ
tDF
tGHWL
tWPH
tWHWH2
tWHGL
tWP
tDS
HIGH-Z
DATA IN
= XX20H
DATA IN
= XXA0H
VALID
DATA OUT
tDH
tWP
tDH
tDS
tDS
tWP
tDH
tOLZ
tOE
tOH
tLZ
tCE
tVPEL
VPPH
VPPL
0V
5.0V
VCC POWER-UP
& STANDBY
SETUP ERASE
COMMAND
ERASE
COMMAND
ERASING
ERASE VERIFY
COMMAND
ERASE
VERIFICATION
VCC POWER-DOWN/
STANDBY
tAS
tAH
DATA IN
= XX20H
tWC
28F102 Fig. 6


Similar Part No. - CAT28F102T14-55T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F102T14-55T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com