Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D33616R3A23 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 595D33616R3A23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D33616R3A23 Datasheet(HTML) 5 Page - Vishay Siliconix

  595D33616R3A23 Datasheet HTML 1Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 2Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 3Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 4Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 5Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 6Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 7Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 8Page - Vishay Siliconix 595D33616R3A23 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 20-Jan-14
5
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
22
M
595D226(1)016M(2)(3)
3.5
6
0.50
0.44
22
B
595D226(1)016B(2)(3)
3.5
6
0.75
0.34
33
B
595D336(1)016B(2)(3)
5.3
6
0.72
0.34
33
C
595D336(1)016C(2)(3)
5.3
6
0.29
0.62
47
B
595D476(1)016B(2)(3)
7.5
6
0.72
0.34
47
C
595D476(1)016C(2)(3)
7.5
6
0.28
0.63
68
C
595D686(1)016C(2)(3)
10.9
6
0.26
0.65
68
D
595D686(1)016D(2)(3)
10.9
6
0.14
1.04
100
C
595D107(1)016C(2)(3)
16.0
8
0.27
0.64
100
D
595D107(1)016D(2)(3)
16.0
8
0.14
1.04
100
R
595D107(1)016R(2)(3)
16.0
8
0.14
1.30
120
R
595D127(1)016R(2)(3)
19.2
8
0.14
1.34
150
D
595D157(1)016D(2)(3)
24.0
8
0.14
1.04
150
R
595D157(1)016R(2)(3)
24.0
8
0.13
1.39
180
R
595D187(1)016R(2)(3)
28.8
8
0.13
1.39
220
D
595D227(1)016D(2)(3)
35.2
12
0.15
1.00
220
R
595D227(1)016R(2)(3)
35.2
8
0.12
1.44
330
R
595D337(1)016R(2)(3)
52.8
14
0.11
1.51
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
0.68
T
595D684(1)020T(2)(3)
0.5
4
10.80
0.05
1.0
T
595D105(1)020T(2)(3)
0.5
4
9.00
0.06
2.2
A
595D225(1)020A(2)(3)
0.5
6
3.80
0.14
3.3
A
595D335(1)020A(2)(3)
0.7
6
3.80
0.14
4.7
A
595D475(1)020A(2)(3)
0.9
6
3.10
0.16
4.7
B
595D475(1)020B(2)(3)
0.9
6
0.95
0.30
6.8
A
595D685(1)020A(2)(3)
1.4
6
3.00
0.16
6.8
B
595D685(1)020B(2)(3)
1.4
6
0.95
0.30
10
B
595D106(1)020B(2)(3)
2.0
6
1.00
0.29
15
B
595D156(1)020B(2)(3)
3.0
6
1.00
0.29
22
B
595D226(1)020B(2)(3)
4.4
6
0.90
0.31
22
C
595D226(1)020C(2)(3)
4.4
6
0.38
0.54
47
C
595D476(1)020C(2)(3)
9.4
6
0.35
0.56
47
D
595D476(1)020D(2)(3)
9.4
6
0.19
0.89
68
C
595D686(1)020C(2)(3)
13.6
6
0.19
0.76
68
D
595D686(1)020D(2)(3)
13.6
6
0.19
0.89
68
R
595D686(1)020R(2)(3)
13.6
6
0.20
1.12
100
C
595D107(1)020C(2)(3)
20.0
12
0.30
0.61
100
D
595D107(1)020D(2)(3)
20.0
8
0.18
0.91
100
R
595D107(1)020R(2)(3)
20.0
8
0.14
1.34
120
R
595D127(1)020R(2)(3)
24.0
8
0.14
1.34
150
D
595D157(1)020D(2)(3)
30.0
12
0.20
0.87
150
R
595D157(1)020R(2)(3)
30.0
8
0.14
1.34
180
R
595D187(1)020R(2)(3)
36.0
8
0.14
1.34
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
0.47
T
595D474(1)025T(2)(3)
0.5
4
13.50
0.05
1.0
A
595D105(1)025A(2)(3)
0.5
4
4.20
0.13
1.5
A
595D155(1)025A(2)(3)
0.5
6
3.80
0.14
2.2
A
595D225(1)025A(2)(3)
0.6
6
3.80
0.14
2.2
B
595D225(1)025B(2)(3)
0.6
6
2.30
0.19
3.3
B
595D335(1)025B(2)(3)
0.8
6
1.90
0.21
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”; for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 595D33616R3A23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D33616R3B23 VISHAY-595D33616R3B23 Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D33616R3C23 VISHAY-595D33616R3C23 Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D33616R3S23 VISHAY-595D33616R3S23 Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 595D33616R3A23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com