Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C256U14A-TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT25C256U14A-TE13
Description  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256U14A-TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25C256U14A-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
CAT25C128/256
Doc. No. 25088-00 1/01
Status Register Bits
Array Address
Protection
BP1
BPO
Protected
25C128
25C256
0
0
None
None
No Protection
0
1
3000-3FFF
6000-7FFF
Quarter Array Protection
1
0
2000-3FFF
4000-7FFF
Half Array Protection
1
1
0000-3FFF
0000-7FFF
Full Array Protection
BLOCK PROTECTION BITS
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION
76543210
WPEN
X
X
X
BP1
BP0
WEL
RDY
STATUS REGISTER
STATUS REGISTER
The Status Register indicates the status of the device.
The
RDY (Ready) bit indicates whether the CAT25C128/
256 is busy with a write operation. When set to 1 a write
cycle is in progress and when set to 0 the device
indicates it is ready. This bit is read only
The WEL (Write Enable) bit indicates the status of the
write enable latch . When set to 1, the device is in a Write
Enable state and when set to 0 the device is in a Write
Disable state. The WEL bit can only be set by the WREN
instruction and can be reset by the WRDI instruction.
The BPO and BP1 (Block Protect) bits indicate which
blocks are currently protected. These bits are set by the
user issuing the WRSR instruction. The user is allowed
to protect quarter of the memory, half of the memory or
the entire memory by setting these bits. Once protected
the user may only read from the protected portion of the
array. These bits are non-volatile.
The WPEN (Write Protect Enable) is an enable bit for the
WP pin. The WP pin and WPEN bit in the status register
control the programmable hardware write protect fea-
ture. Hardware write protection is enabled when
WP is
low and WPEN bit is set to high. The user cannot write
to the status register (including the block protect bits and
the WPEN bit) and the block protected sections in the
memory array when the chip is hardware write pro-
tected. Only the sections of the memory array that are
not block protected can be written.
Hardware write
protection is disabled when either
WP pin is high or the
WPEN bit is zero.


Similar Part No. - CAT25C256U14A-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT2 CATALYST-CAT25C256L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT3 CATALYST-CAT25C256L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T2 CATALYST-CAT25C256L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T3 CATALYST-CAT25C256L-1.8T3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C256U14A-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com