Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-140-W Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # 7-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7-140-W Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button 7-140-W Datasheet HTML 96Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 97Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 98Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 99Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 100Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 101Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 102Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 103Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 282 page
background image
4-2
Call Toll Free: 1 (800) 323-9612
4
D-subminiature
Connectors
Information
Introduction
General Information
All connectors are intermateable with any Cinch D-subminiature of comparable pin count and density, or the
D-sub connector of any other manufacturer complying dimensionally with MIL-C-24308.
Solder terminations and boardlocks meet the requirements for solderability in accordance with MIL-STD-202,
Method 208.
DURABILITY
-
Mated connectors are subjected to cycles of insertions and withdrawals specified on the catalog
page. After the prescribed cycles the connectors will meet the Cinch requirements concerning insertion-
withdrawal force, individual contact insertion-withdrawal force, and contact resistance.
APPROVALS
-
Most Cinch connectors have UL recognition and CSA approval; however, the specific approvals are listed
on the individual catalog pages.
CONTACTS
-
Cinch connector contacts are generally offered in Gold Flash or 30µin. gold plating for commercial product,
and 50µin. gold plating for M24308 Series Military D-subminiature connectors.
-
Cinch connectors utilize economical stamped and formed contacts and/or screw machine contacts for
enhanced performance.
-
Standard density connectors utilize size 20 contacts.
-
Cinch 1.5 Density Series connectors utilize size 22 contacts for greater density in a standard size
D-subminiature outer shell.
METAL SHELLS
-
Commercial-grade steel shells are usually available in zinc plating with yellow chromate finish or tin plating.
-
Tin-plated plugs have grounding indents.
-
Military grade M24308 Series connector shells are generally steel or in certain cases non-magnetic brass with
cadmium plating and yellow chromate finish.
-
Insulator materials are glass-filled polyester, glass-filled nylon, and diallyl phthalate.
The connectors are usually available in plugs and sockets in 9, 15, 25, 37, and 50 position sizes.


Similar Part No. - 7-140-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1414778-3 MACOM-7-1414778-3 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
7-1414967-8 MACOM-7-1414967-8 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
logo
TE Connectivity Ltd
7-1414985-1 TEC-7-1414985-1 Datasheet
577Kb / 3P
   Power Relay F4 A
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Similar Description - 7-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com