Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-140-W Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # 4-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-W Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button 4-140-W Datasheet HTML 81Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 82Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 83Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 84Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 85Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 86Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 87Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 88Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 282 page
background image
3-8
3
Call Toll Free: 1 (800) 323-9612
C48/CN0915 Series
Limited Wiring Space Receptacle Connectors
Crimp Removal Contacts
Square-Flange,
Bayonet Coupling
CN0915A-XXXXXXX-XXX
Dimensions
AB
C
D
F
G
Shell +.0045 (.114)
+.005 (.127)
+.004 (.102)
Max.
+.0015 (.038)
Thread
Size
in
mm
in
mm
in
mm
in
mm
in
mm
UNEF-2A
8
.812 20.625
.594
15.088
.121 3.073
.561 14.250
.497 12.624
.562-24
10
.937 23.800
.719
18.263
.121 3.073
.696 17.679
.503 15.799
.687-24
12
1.031 26.187
.812
20.625
.121 3.073
.875 22.225
.745 18.923
.875-20
14
1.125 28.575
.906
23.012
.121 3.073
.935 23.749
.871 22.123
.937-20
16
1.150 29.210
.969
24.613
.121 3.073
1.062 26.975
.995 25.273
1.062-18
18
1.343 35.382
1.062
26.975
.121 3.073
1.187 30.150
1.058 26.873
1.187-18
20
1.437 36.500
1.156
29.362
.121 3.073
1.312 33.325
1.184 30.074
1.312-18
22
1.562 39.675
1.250
31.750
.121 3.073
1.437 36.500
1.307 33.198
1.437-18
24
1.703 43.256
1.375
34.925
.154 3.912
1.562 39.675
1.432 36.373
1.562-18
NOTES:
1
For other modifications, classes, etc., contact factory.
• For mounting hole dimensions, see page 3-20.
• Uses CRIM-LOK contacts. See page 3-12.
* Former order code - 100 designated rhodium plated contacts
Ordering Information1
CN0915 A 10 A 05 P N - 000
Series Designation
CN0915
Series Modification
A - Bayonet Coupling
B - Threaded Coupling
Environmental Class
A - Anodized Aluminum
N - Electroless Nickel-Plated Aluminum
S - Stainless Steel
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, & 24
Order Code
000 - Less Contacts
200 - Gold-Plated Contacts
* See below
Shell Position
N, 6, 7, 8, 9, 10 (See page 3-4)
Contact Style
P - Pin
S - Socket
Insert Arrangement
(See page 3-4)
Square-Flange,
Threaded Coupling
CN0915B-XXXXXXX-XXX
Ordering Information1


Similar Part No. - 4-140-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-4 ETC2-4-140-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-140-6 ETC2-4-140-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-140-8 ETC2-4-140-8 Datasheet
10Mb / 64P
   Every edding a specialist
More results

Similar Description - 4-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com