Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE02139-T1 Datasheet(PDF) 9 Page - California Eastern Labs

Part # NE02139-T1
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE02139-T1 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button NE02139-T1 Datasheet HTML 4Page - California Eastern Labs NE02139-T1 Datasheet HTML 5Page - California Eastern Labs NE02139-T1 Datasheet HTML 6Page - California Eastern Labs NE02139-T1 Datasheet HTML 7Page - California Eastern Labs NE02139-T1 Datasheet HTML 8Page - California Eastern Labs NE02139-T1 Datasheet HTML 9Page - California Eastern Labs NE02139-T1 Datasheet HTML 10Page - California Eastern Labs NE02139-T1 Datasheet HTML 11Page - California Eastern Labs NE02139-T1 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
100
0.545
-74
32.448
140
0.002
67
0.763
-38
500
0.593
-163
10.200
94
0.020
46
0.270
-80
1000
0.602
173
5.276
75
0.040
49
0.217
-89
1500
0.605
158
3.505
61
0.072
50
0.188
-93
2000
0.616
148
2.718
46
0.108
44
0.161
-110
2500
0.623
135
2.159
39
0.133
48
0.176
-120
3000
0.639
123
1.841
29
0.156
43
0.188
-128
3500
0.644
111
1.549
13
0.180
32
0.210
-135
4000
0.649
102
1.411
6
0.205
32
0.232
-142
0.023
28.395
0.368
19.530
0.664
16.500
0.890
14.393
0.960
12.430
1.075
9.441
1.125
8.030
1.099
6.974
1.069
6.656
100
0.666
-50
23.536
149
0.004
65
0.854
-28
500
0.592
-147
9.285
99
0.033
39
0.363
-72
1000
0.604
-179
4.955
77
0.051
39
0.276
-82
1500
0.595
163
3.288
63
0.073
39
0.240
-87
2000
0.609
152
2.527
46
0.109
36
0.195
-104
2500
0.615
139
2.022
39
0.132
41
0.204
-115
3000
0.632
126
1.726
28
0.152
38
0.212
-125
3500
0.642
114
1.439
12
0.175
27
0.233
-135
4000
0.649
104
1.315
5
0.199
27
0.256
-144
0.634
37.697
0.859
24.493
1.128
17.700
1.172
14.054
1.138
11.397
1.180
9.287
1.168
8.071
1.155
6.763
1.113
6.156
NE02135
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.84
-36
13.82
156
.02
73
.94
-18
500
.68
-126
7.18
106
.08
35
.51
-53
1000
.66
-163
4.02
81
.09
27
.34
-66
1500
.65
178
2.75
64
.10
27
.31
-74
2000
.65
163
2.10
52
.12
30
.31
-83
2500
.66
151
1.68
39
.13
26
.31
-95
3000
.66
141
1.46
27
.14
26
.33
-106
3500
.67
129
1.24
17
.16
26
.36
-116
4000
.68
121
1.14
5
.17
23
.38
-127
VCE = 10 V, IC = 10 mA
VCE = 10 V, IC = 20 mA
VCE = 10 V, IC = 30 mA
100
.58
-95
35.35
134
.01
59
.72
-40
500
.64
-169
10.11
91
.03
50
.22
-82
1000
.65
173
5.15
74
.06
55
.14
-97
1500
.65
162
3.49
62
.08
63
.14
-103
2000
.66
152
2.63
52
.11
54
.15
-112
2500
.66
141
2.10
39
.13
46
.17
-122
3000
.66
132
1.82
29
.15
42
.19
-129
3500
.67
122
1.54
20
.17
38
.22
-137
4000
.68
115
1.44
9
.20
31
.24
-146
See note on next page.
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 20 mA)
0.275
35.484
0.958
25.276
1.016
18.563
1.103
14.446
1.058
12.315
1.095
10.207
1.086
9.052
1.089
7.748
0.970
8.573
1.982
36.428
1.428
23.189
1.445
17.244
1.210
14.212
1.115
11.942
1.142
9.815
1.110
8.698
1.094
7.477
1.060
6.881
NE021 SERIES
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
4 GHz
S11
0.1 GHz
S22
4 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
24
12
8
0.1 .15 0.2 .25
0.5
S21 30
S12
4 GHz
S21
0.1 GHz
6
S21
4 GHz
S12
0.1 GHz


Similar Part No. - NE02139-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE02139-T1 ETC-NE02139-T1 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE02139-T1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com