Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE02133-T1B Datasheet(PDF) 11 Page - California Eastern Labs

Part # NE02133-T1B
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE02133-T1B Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NE02133-T1B Datasheet HTML 4Page - California Eastern Labs NE02133-T1B Datasheet HTML 5Page - California Eastern Labs NE02133-T1B Datasheet HTML 6Page - California Eastern Labs NE02133-T1B Datasheet HTML 7Page - California Eastern Labs NE02133-T1B Datasheet HTML 8Page - California Eastern Labs NE02133-T1B Datasheet HTML 9Page - California Eastern Labs NE02133-T1B Datasheet HTML 10Page - California Eastern Labs NE02133-T1B Datasheet HTML 11Page - California Eastern Labs NE02133-T1B Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE OUTLINE 07
OUTLINE DIMENSIONS (Units in mm)
NE02100 (CHIP)
*07B has emitter and base reversed..
NE021 SERIES
0.07
φ
BASE
0.094
0.106
0.35±0.01
0.052
0.23
0.29
0.30
0.35±0.01
EMITTER
5.0 MIN (ALL LEADS)
45˚
0.5±0.07
1.0±0.1
+0.4
-0.2
2.5
+0.4
-0.2
1.3
+0.06
-0.03
0.1
E
B
E
C
MARKING
INTERNAL
CODE
YEAR INDICATOR
MONTH INDICATOR
PACKAGE OUTLINE 33
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 33
LEAD
CONNECTIONS
1. Emitter
2. Base
3. Collector
0.16
+0.10
-0.06
0.65
+0.10
-0.15
0.4
+0.10
-0.05
1
2
3
0 to 0.1
2.8
1.9
1.5
(ALL LEADS)
0.8
1.1 to 1.4
2.9 ± 0.2 0.95
+0.2
-0.3
+0.2
-0.1
2.4
3
2
1.9
0.95
1.0
1
0.8


Similar Part No. - NE02133-T1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE02133-T1B ETC-NE02133-T1B Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE02133-T1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com