Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT513 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT513
Description  8-Bit Dual Digital POT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT513 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT513 Datasheet HTML 2Page - Catalyst Semiconductor CAT513 Datasheet HTML 3Page - Catalyst Semiconductor CAT513 Datasheet HTML 4Page - Catalyst Semiconductor CAT513 Datasheet HTML 5Page - Catalyst Semiconductor CAT513 Datasheet HTML 6Page - Catalyst Semiconductor CAT513 Datasheet HTML 7Page - Catalyst Semiconductor CAT513 Datasheet HTML 8Page - Catalyst Semiconductor CAT513 Datasheet HTML 9Page - Catalyst Semiconductor CAT513 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT513
8
Doc. No. ________ 3/01 M-1
Advance Information
APPLICATION CIRCUITS (Cont.)
Coarse-Fine Offset Control by Averaging DAC Outputs
for Single Power Supply Systems
Coarse-Fine Offset Control by Averaging DAC Outputs
for Dual Power Supply Systems
+
FINE ADJUST
DAC
COARSE ADJUST
DAC
GND
V
L
REF
V
H
REF
VDD
RC
127RC
+V
+5V
VREF
R = —————
C
256 1 µA
VREF
*
Fine adjust gives ± 1 LSB change in V
when V
= ———
OFFSET
VREF
2
OFFSET
V OFFSET
+
FINE ADJUST
DAC
COARSE ADJUST
DAC
GND
V
L
REF
V
H
REF
VDD
RC
127RC
+V
+5V
+VREF
-V
-VREF
Ro
R = ———————————
C
1 µA
OFFSET
VOFFSET
REF
(+V
) - (V
)
R = ———————————
o
1 µA
OFFSET
REF
(-V
) + (V
)
+
+
Digitally Trimmed Voltage Reference
Digitally Controlled Voltage Reference
OPT 504
LT 1029
I > 2 mA
V+
GND
VDD
V
= 5.000V
REF
V
H
REF
V
L
REF
CONTROL
& DATA
OPT 504
GND
VDD
V
H
REF
V
L
REF
CONTROL
& DATA
+
15K
10 µF
5.1V
10K
4.02 K
1.00K
10 µF
35V
LM 324
1N5231B
MPT3055EL
28 - 32V
OUTPUT
0 - 25V
@ 1A
CAT513
CAT513


Similar Part No. - CAT513

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5132 CATALYST-CAT5132 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
More results

Similar Description - CAT513

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
   8-Bit Quad Digital POT
CAT512 CATALYST-CAT512 Datasheet
71Kb / 10P
   8-Bit Dual Digital POT with Independent Reference Inputs
CAT522 CATALYST-CAT522 Datasheet
70Kb / 10P
   8-Bit Dual Digital POT With Independent Reference Inputs
logo
Microchip Technology
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
   8-Bit Digital POT With Independent Reference Inputs
CAT511 CATALYST-CAT511 Datasheet
56Kb / 9P
   8-Bit Digital POT with Independent Reference Inputs
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com