Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA301A332JAR Datasheet(PDF) 4 Page - AVX Corporation

Part # SA301A332JAR
Description  AVX SA Series Conformally Coated Axial Leaded MLC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA301A332JAR Datasheet(HTML) 4 Page - AVX Corporation

  SA301A332JAR Datasheet HTML 1Page - AVX Corporation SA301A332JAR Datasheet HTML 2Page - AVX Corporation SA301A332JAR Datasheet HTML 3Page - AVX Corporation SA301A332JAR Datasheet HTML 4Page - AVX Corporation SA301A332JAR Datasheet HTML 5Page - AVX Corporation SA301A332JAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
40
Axial Leads/SpinGuard®
Z5U Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*Preferred Industry Decoupling Capacitor — Insertable on .300" centers.
SA105E104ZAA
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
50
100
50
100
50
100
50
100
50
100
50
10,000
SA105E103ZAR
15,000
SA105E153ZAR
22,000
SA105E223ZAR
33,000
SA105E333ZAR
47,000
SA105E473ZAR
68,000
SA105E683ZAR
*100,000
SA105E104ZAR
150,000
SA105E154ZAR
220,000
SA105E224ZAR
330,000
SA115E334ZAR
470,000
SA305E474ZAR
680,000
SA305E684ZAR
820,000
SA305E824ZAR
1,000,000
SA305E105ZAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS


Similar Part No. - SA301A332JAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA301A332JAR AVX-SA301A332JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA301A332JAR AVX-SA301A332JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA301A332JAR AVX-SA301A332JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA301A332JAR AVX-SA301A332JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA301A332JAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA101C103KAR AVX-SA101C103KAR Datasheet
261Kb / 6P
   Conformally Coated Axial Leaded MLC
SR215C683KAA AVX-SR215C683KAA Datasheet
177Kb / 4P
   Conformally Coated Radial Leaded MLC
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com