Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200A-1A-F4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7200A-1A-F4
Description  4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200A-1A-F4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS7200A-1A-F4 Datasheet HTML 1Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 2Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 3Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 4Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 5Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 6Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 7Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 8Page - California Eastern Labs PS7200A-1A-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Solid State Relay
OCMOS FET
PS7200A-1A
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE
1-ch Optical Coupled MOS FET
Document No. PN10291EJ02V0DS (2nd edition)
Date Published August 2006 NS CP(K)
−NEPOC Series−
1997, 2006
DESCRIPTION
The PS7200A-1A is a low output capacitance solid state relay containing GaAs LEDs on the light emitting side
(input side) and MOS FETs on the output side.
It is suitable for high-frequency signal control, due to its low C
× R, low output capacitance, and low off-state
leakage current.
FEATURES
• Low C
× R (C × R = 30 pF • Ω)
• Low output capacitance (Cout = 3.0 pF TYP.)
• Low off-state leakage current (ILoff = 0.1 nA TYP.)
• High-speed turn-on time (ton = 0.01 ms TYP.)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• Low offset voltage
• Ordering number of taping product : PS7200A-1A-E3, E4: 900 pcs/reel
: PS7200A-1A-F3, F4: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8241/8242
• CSA approved: No. CA 101391
APPLICATIONS
• Measurement equipment
<R>


Similar Part No. - PS7200A-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A-F4 NEC-PS7200A-1A-F4 Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7200A-1A-F4 NEC-PS7200A-1A-F4 Datasheet
67Kb / 7P
   4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7200A-1A-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
   4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
   4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7200R NEC-PS7200R Datasheet
147Kb / 7P
   NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
   4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com