Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT511JITE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT511JITE13
Description  8-Bit Digital POT with Independent Reference Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT511JITE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT511JITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT511JITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT511
3
Advanced Information
DC ELECTRICAL CHARACTERISTICS (Cont.):
VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital
tCSMIN
Minimum CS Low Time
150
ns
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
0
ns
tDIS
DI Setup Time
50
ns
tDIH
DI Hold Time
50
ns
tDO1
Output Delay to 1
150
ns
tDO0
Output Delay to 0
150
ns
tHZ
Output Delay to High-Z
400
ns
tLZ
Output Delay to Low-Z
400
ns
tBUSY
Erase/Write Cycle Time
4
5
ms
tPS
PROG Setup Time
150
ns
tPROG
Minimum Pulse Width
700
ns
tCLKH
Minimum CLK High Time
500
ns
tCLKL
Minimum CLK Low Time
300
ns
fC
Clock Frequency
DC
1
MHz
Analog
tDS
DAC Settling Time to 1 LSB
CLOAD = 10 pF, VDD = +5V
3
10
µs
CLOAD = 10 pF, VDD = +3V
6
10
µs
Pin Capacitance
CIN
Input Capacitance
VIN = 0V, f = 1 MHz(2)
—8
pF
COUT
Output Capacitance
VOUT = 0V, f = 1 MHz2)
—6
pF
CL = 100 pF,
see note 1
AC ELECTRICAL CHARACTERISTICS:
VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
Analog Output
FSO
Full-Scale Output Voltage
VR = VREFH – VREFL
0.99 VR
0.995 VR
—V
ZSO
Zero-Scale Output Voltage
VR = VREFH – VREFL
0.005 VR
0.01 VR
V
IL
DAC Output Load Current
1
µA
ROUT
DAC Output Impedance
VDD = VREFH = +5V
100K
VDD = VREFH = +3V
150K
PSSR
Power Supply Rejection
ILOAD = 1 µA
1
LSB / V
Temperature
TCO
VOUT Temperature Coefficient
VDD = +5V, ILOAD = 250nA
200
µV/ °C
VREFH= +5V, VREFL = 0V
TCREF
Temperature Coefficient of
VREFH to VREFL
700
ppm /
°C
VREF Resistance
Power Supply
IDD1
Supply Current (Read)
Normal Operating
40
50
µA
IDD2
Supply Current (Write)
VDD = 5V
1.2
2.0
mA
VDD = 3V
.6
1.2
mA
VDD
Operating Voltage Range
2.7
5.5
V
Notes: 1. All timing measurements are defined at the point of signal crossing VDD / 2.
2. These parameters are periodically sampled and are not 100% tested.


Similar Part No. - CAT511JITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT511JITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
   8-Bit Digital POT With Independent Reference Inputs
CAT512 CATALYST-CAT512 Datasheet
71Kb / 10P
   8-Bit Dual Digital POT with Independent Reference Inputs
CAT522 CATALYST-CAT522 Datasheet
70Kb / 10P
   8-Bit Dual Digital POT With Independent Reference Inputs
CAT515 CATALYST-CAT515 Datasheet
85Kb / 12P
   8-Bit Quad Digital POT with Independent Reference Inputs
CAT513 CATALYST-CAT513 Datasheet
71Kb / 10P
   8-Bit Dual Digital POT
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
   8-Bit Quad Digital POT
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
logo
Microchip Technology
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
   7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
   7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com