Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7341-1B Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7341-1B
Description  HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7341-1B Datasheet(HTML) 1 Page - California Eastern Labs

  PS7341-1B Datasheet HTML 1Page - California Eastern Labs PS7341-1B Datasheet HTML 2Page - California Eastern Labs PS7341-1B Datasheet HTML 3Page - California Eastern Labs PS7341-1B Datasheet HTML 4Page - California Eastern Labs PS7341-1B Datasheet HTML 5Page - California Eastern Labs PS7341-1B Datasheet HTML 6Page - California Eastern Labs PS7341-1B Datasheet HTML 7Page - California Eastern Labs PS7341-1B Datasheet HTML 8Page - California Eastern Labs PS7341-1B Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Solid State Relay
OCMOS FET
PS7341-1B,PS7341L-1B
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET
(1-ch OCMOS FET)
DESCRIPTION
The PS7341-1B and PS7341L-1B are solid state relays containing a GaAs LED on the light emitting side (input
side) and normally close (N.C.) contact MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7341L-1B has a surface mount type lead.
FEATURES
• High isolation voltage (BV = 3 750 Vr.m.s.)
• 1 channel type (1 b output)
• Low LED Operating Current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6-pin DIP)
• Low offset voltage
• PS7341L-1B: Surface mount type
• UL approved: File No. E72422 (S)
• BSI approved: No. 8252/8253
• CSA approved: CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment
Document No. PN10307EJ01V0DS (1st edition)
(Previous No. P14229EJ1V0DS00)
The mark
shows major revised points.


Similar Part No. - PS7341-1B

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341-1B NEC-PS7341-1B Datasheet
68Kb / 12P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7341-1B

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341-1B NEC-PS7341-1B Datasheet
68Kb / 12P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET
PS7241S-1A NEC-PS7241S-1A Datasheet
36Kb / 4P
   CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241C-1A CEL-PS7241C-1A Datasheet
34Kb / 2P
   CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com