Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB2 Datasheet(PDF) 3 Page - Rohm

Part # EMB2
Description  PNP -100mA -50V Complex Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB2 Datasheet(HTML) 3 Page - Rohm

  EMB2 Datasheet HTML 1Page - Rohm EMB2 Datasheet HTML 2Page - Rohm EMB2 Datasheet HTML 3Page - Rohm EMB2 Datasheet HTML 4Page - Rohm EMB2 Datasheet HTML 5Page - Rohm EMB2 Datasheet HTML 6Page - Rohm EMB2 Datasheet HTML 7Page - Rohm EMB2 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMB2 / UMB2N / IMB2A
lElectrical characteristic curves
(Ta = 25°C)
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO [A]
Fig.2 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : VO [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : IO [A]
0
-5
-10
-15
-20
-25
-30
0
-5
-10
-
40μA
0A
-
60μA
-
70μA
-
80μA
-
90μA
-
100μA
-110μA
-120μA
-
130μA
II=
Ta=25ºC
-
30μA
-
50μA
3/7
2012.06 - Rev.B


Similar Part No. - EMB2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB2 ROHM-EMB2 Datasheet
39Kb / 2P
   General purpose(dual digital transistors)
EMB2 ROHM-EMB2 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB2 ROHM-EMB2 Datasheet
1Mb / 11P
   General purpose Dual digital transistor
logo
Schneider Electric
EMB2010 SCHNEIDER-EMB2010 Datasheet
59Kb / 2P
   Square D - PowerLogic Energy Meter, Basic 100A
EMB2021 SCHNEIDER-EMB2021 Datasheet
59Kb / 2P
   Square D - PowerLogic Energy Meter, Basic 200A
More results

Similar Description - EMB2

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com