Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2221AUB Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N2221AUB
Description  TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221AUB Datasheet(HTML) 3 Page - Microsemi Corporation

  2N2221AUB Datasheet HTML 1Page - Microsemi Corporation 2N2221AUB Datasheet HTML 2Page - Microsemi Corporation 2N2221AUB Datasheet HTML 3Page - Microsemi Corporation 2N2221AUB Datasheet HTML 4Page - Microsemi Corporation 2N2221AUB Datasheet HTML 5Page - Microsemi Corporation 2N2221AUB Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0060 Rev. 2 (100247)
Page 3 of 6
PACKAGE DIMENSIONS
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Beyond r (radius) maximum, TL shall be held for a minimum length
CD
.178
.195
4.52
4.95
of .011 inch (0.28 mm).
CH
.170
.210
4.32
5.33
4. Dimension TL measured from maximum HD.
HD
.209
.230
5.31
5.84
5. Body contour optional within zone defined by HD, CD, and Q.
LC
.100 TP
2.54 TP
6
6. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm)
LD
.016
.021
0.41
0.53
7,8
below seating plane shall be within .007 inch (0.18 mm) radius of
LL
.500
.750
12.70
19.05
7,8,13
true position (TP) at maximum material condition (MMC) relative to
LU
.016
.019
0.41
0.48
7,8
tab at MMC.
L1
.050
1.27
7,8
7. Dimension LU applies between L1 and L2. Dimension LD applies
L2
.250
6.35
7,8
between L2 and LL minimum. Diameter is uncontrolled in L1 and
P
.100
2.54
beyond LL minimum.
Q
.030
0.76
5
8. All three leads.
TL
.028
.048
0.71
1.22
3,4
9. The collector shall be internally connected to the case.
TW
.036
.046
0.91
1.17
3
10. Dimension r (radius) applies to both inside corners of tab.
r
.010
0.25
10
11. In accordance with ASME Y14.5M, diameters are equivalent to
φx
α
45
° TP
45
° TP
6
symbology.
1, 2, 9, 11, 12, 13
12. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
13. For L suffix devices, dimension LL = 1.5 inches (38.10 mm) min.
and 1.75 inches (44.45 mm) max.
FIGURE 1. Physical dimensions (similar to TO-18).


Similar Part No. - 2N2221AUB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2221AUB MICROSEMI-2N2221AUB Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2221AUB MICROSEMI-2N2221AUB Datasheet
144Kb / 7P
   RADIATION HARDENED
2N2221AUB MICROSEMI-2N2221AUB Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR
2N2221AUB MICROSEMI-2N2221AUB Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
logo
M/A-COM Technology Solu...
2N2221AUB MA-COM-2N2221AUB Datasheet
659Kb / 6P
   Radiation Hardened NPN Silicon Switching Transistors
More results

Similar Description - 2N2221AUB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com