Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD40057AUB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD40057AUB
Description  4.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40057AUB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD40057AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40057AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40057AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121846
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 5x7 Dot Matrix LED Display
Internal Circuit Diagram
LM40057A (Common Cathode Row)
LM40057B (Common Anode Row)
38
7
2
6
5
4
7
1
12
5
2
ROW
1
14
PIN
NO.
NO.
9
PIN
13
COL.1
3
11
4
10
2
3
4
7
2
12
5
67
1
4
5
6
5
NO.
PIN
14
2
38
ROW
1
9
NO.
PIN 13
COL.1
34 11
10
3
24
6
5
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD40057AR
LD40057BR
GaAlAs
Super Red
640
12
15
LD40057AD
LD40057BD
GaAlAs
Hi-Red
640
27
37.5
LD40057AO
LD40057BO
GaAsP
Orange
625
10.5
13.5
LD40057AY
LD40057BY
GaAsP
Yellow
588
12
15
LD40057AG
LD40057BG
GaP
Green
568
10.5
13.5
LD40057AUR
LD40057BUR
AlGaInP
Ultra Red
640
45
67.5
LD40057AUO
LD40057BUO
AlGaInP
Ultra Orange
625
67.5
90
LD40057AUA
LD40057BUA
AlGaInP
Ultra Amber
605
45
67.5
LD40057AUY
LD40057BUY
AlGaInP
Ultra Yellow
595
45
67.5
LD40057AUG
LD40057BUG
AlGaInP
Ultra Green
573
45
67.5
LD40057APG
LD40057BPG
InGaN
Pure Green
525
180
450
LD40057AUB
LD40057BUB
InGaN
Ultra Blue
470
45
67.5
LD40057AUW
LD40057BUW
SMD
Ultra White
\
150
180
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LD40057AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD40057CD LIGHTKEY-LD40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CG LIGHTKEY-LD40057CG Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CO LIGHTKEY-LD40057CO Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CPG LIGHTKEY-LD40057CPG Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CR LIGHTKEY-LD40057CR Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LD40057AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
45Kb / 1P
   Marktech 4.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-3X57 UOT-UVP-3X57 Datasheet
93Kb / 5P
   3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com