Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD40057CUA Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD40057CUA
Description  4.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40057CUA Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD40057CUA Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40057CUA Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40057CUA Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121848
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 5x7 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Emitted Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
5.4
6.6
50
120
25
100
Hi-Red
Per Dot
5.4
6.6
50
120
25
100
Orange
Per Dot
6.3
7.5
50
160
30
100
Yellow
Per Dot
6.3
7.5
50
160
30
100
Green
Per Dot
6.6
7.5
50
160
30
100
Ultra Red
Per Dot
5.7
7.8
50
120
30
100
Ultra Orange
Per Dot
6
7.8
50
130
30
100
Ultra Amber
Per Dot
6
7.8
50
130
30
100
Ultra Yellow
Per Dot
6
7.8
50
130
30
100
Ultra Green
Per Dot
6.3
7.8
50
150
30
100
Pure Green
Per Dot
10.5
12
50
220
30
100
Ultra Blue
Per Dot
10.5
12
50
240
30
100
Ultra White
Per Dot
10.5
12
50
240
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD40057CUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD40057AD LIGHTKEY-LD40057AD Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AG LIGHTKEY-LD40057AG Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AO LIGHTKEY-LD40057AO Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057APG LIGHTKEY-LD40057APG Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AR LIGHTKEY-LD40057AR Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LD40057CUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
45Kb / 1P
   Marktech 4.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-3X57 UOT-UVP-3X57 Datasheet
93Kb / 5P
   3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com