Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1601616AO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM1601616AO
Description  1.50 inch 16x16 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM1601616AO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM1601616AO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM1601616AO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM1601616AO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121851
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.5 inch 16x16 Dot Matrix LED Display
Internal Circuit Diagram
LM1601616B (Common Cathode Row)
LM1601616A (Common Anode Row)
12 3 4 5678 24 23 22 21 20 19 18 17
1 2 3 4 5 6 7 8 9 10 1112 131415 16
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN
NO.
PIN
NO.
COL.
12 3 4 5678 24 23 22 21 20 19 18 17
1 2 34 56 78 9 10 11 12 13 14 15 16
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN
NO.
PIN
NO.
COL.
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM1601616AR
LM1601616BR
GaAlAs
Super Red
640
8
10
LM1601616AD
LM1601616BD
GaAlAs
Hi-Red
640
18
25
LM1601616AO
LM1601616BO
GaAsP
Orange
625
7
9
LM1601616AY
LM1601616BY
GaAsP
Yellow
588
8
10
LM1601616AG
LM1601616BG
GaP
Green
568
7
9
LM1601616AUR
LM1601616BUR
AlGaInP
Ultra Red
640
30
45
LM1601616AUO
LM1601616BUO
AlGaInP
Ultra Orange
625
45
60
LM1601616AUA
LM1601616BUA
AlGaInP
Ultra Amber
605
30
45
LM1601616AUY
LM1601616BUY
AlGaInP
Ultra Yellow
595
30
45
LM1601616AUG
LM1601616BUG
AlGaInP
Ultra Green
573
30
45
LM1601616APG
LM1601616BPG
InGaN
Pure Green
525
120
300
LM1601616AUB
LM1601616BUB
InGaN
Ultra Blue
470
30
45
LM1601616AUW
LM1601616BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM1601616AO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CG LIGHTKEY-LM1601616CG Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CO LIGHTKEY-LM1601616CO Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CPG LIGHTKEY-LM1601616CPG Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CR LIGHTKEY-LM1601616CR Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
More results

Similar Description - LM1601616AO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151T9 CHINASEMI-CSM-16151T9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com