Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S2812S Datasheet(PDF) 8 Page - International Rectifier

Part No. S2812S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2812S Datasheet(HTML) 8 Page - International Rectifier

  S2812S Datasheet HTML 1Page - International Rectifier S2812S Datasheet HTML 2Page - International Rectifier S2812S Datasheet HTML 3Page - International Rectifier S2812S Datasheet HTML 4Page - International Rectifier S2812S Datasheet HTML 5Page - International Rectifier S2812S Datasheet HTML 6Page - International Rectifier S2812S Datasheet HTML 7Page - International Rectifier S2812S Datasheet HTML 8Page - International Rectifier S2812S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com
S-SERIES
(28V Input, Single/Dual Output)
Standard Microcircuit Drawing Equivalence Table
Mechanical Outline
Pin Designation
Pin #
Single
Pin #
Dual
1
+ Vin
1
+ Vin
2Case
2
Case
3
Input Return
3
Input Return
4
Enable
4
Enable
5
NC
5
- Vout
6
+ Vout
6
Output Return
7
Output Return
7
+ Vout
Pin ø
0.030
1.71
0.250 Typ
2.210 Ref
1.96
1.310
0.60
0.705
0.20
0.26
2.265 Max
0.425 Max
0.220
1.00
0.40
0.60
Ø 0.140
3 Plcs
0.050
Typ
Tolerances, unless
otherwise specified
.XX = ± 0.010
.XXX = ± 0.005
0.155
0.355
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-04238
S2803R3S
5962-04239
S2805S
5962-13216
S2807S
5962-04240
S2812S
5962-04241
S2815S
5962-04242
S2805D
5962-04243
S2812D
5962-04244
S2815D


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn