Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S2812S Datasheet(PDF) 5 Page - International Rectifier

Part No. S2812S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2812S Datasheet(HTML) 5 Page - International Rectifier

  S2812S Datasheet HTML 1Page - International Rectifier S2812S Datasheet HTML 2Page - International Rectifier S2812S Datasheet HTML 3Page - International Rectifier S2812S Datasheet HTML 4Page - International Rectifier S2812S Datasheet HTML 5Page - International Rectifier S2812S Datasheet HTML 6Page - International Rectifier S2812S Datasheet HTML 7Page - International Rectifier S2812S Datasheet HTML 8Page - International Rectifier S2812S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
S-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristic Table, refer to page 6
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
9.0
W
Output response to
step load changes ( VTLD )
4,5,6
Half Load to/ from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes ( TTLD )
4,5,6
Half Load to/from Full Load, Notes
4,9,10
200
µs
Output response to
step line changes ( VTLN )
4,5,6
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery time,
step line changes ( TTLN )
4,5,6
18V to/from 40V
IOUT = 100% rated load,
Notes 1,4,10,11
200
µs
Turn-on Response
Overshoot ( VOS )
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
Turn-on Delay ( TDLY )
4,5,6
10% Load, Full Load
Notes 4,12
1.5
500
600
750
1400
1650
600
1400
1500
10
mV
ms
Capacitive Load ( CL )
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
750
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Device Weight
50
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
1.5 x 106
Hours


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn