Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S2812S Datasheet(PDF) 3 Page - International Rectifier

Part No. S2812S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2812S Datasheet(HTML) 3 Page - International Rectifier

  S2812S Datasheet HTML 1Page - International Rectifier S2812S Datasheet HTML 2Page - International Rectifier S2812S Datasheet HTML 3Page - International Rectifier S2812S Datasheet HTML 4Page - International Rectifier S2812S Datasheet HTML 5Page - International Rectifier S2812S Datasheet HTML 6Page - International Rectifier S2812S Datasheet HTML 7Page - International Rectifier S2812S Datasheet HTML 8Page - International Rectifier S2812S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
S-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics
1
Meets derating per MIL-STD-975
For Notes to Electrical Performance Characteristic Table, refer to page 6
Input voltage range
-0.5Vdc to +60Vdc
Input voltage range
+18Vdc to +40Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
+300°C for 10 seconds
Operating temperature
-55°C to +135°C
Operating temperature
-55°C to +125°C
Storage temperature
-55°C to +135°C
Operating temperature
1
-55°C to +70°C
Recommended Operating Conditions
Absolute Maximum Ratings
Specifications
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
18
28
40
V
Output Voltage ( VOUT )
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
1
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.27
4.95
6.93
11.88
14.85
±4.95
±11.88
±14.85
3.230
4.900
6.895
11.760
14.700
±4.900
±11.760
±14.700
3.30
5.00
7.00
12.00
15.00
±5.00
±12.00
±15.00
3.33
5.05
7.07
12.12
15.15
±5.05
±12.12
±15.15
3.370
5.100
7.105
12.240
15.300
±5.100
±12.240
±15.300
V
Output power ( POUT )
All models
1,2,3
VIN = 18, 28, 40 Volts, Note 2
0
10
W
Output current ( IOUT )
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
1,2,3
VIN = 18, 28, 40 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0.16
0.06
0.05
3.03
2.00
1.43
0.83
0.67
1.60
0.66
0.54
A
Line regulation ( VRLINE )
S28XXS
S28XXD
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated
IOUT = 10%, 50%, 100% rated, Note 4
-0.5
-0.5
0.5
0.5
%
Load regulation ( VRLOAD )
S28XXS
S28XXD
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated
IOUT = 10%, 50%, 100% rated, Note 4
-1.0
-1.0
1.0
1.0
%
Cross regulation ( VRCROSS )
S2805D
S2812D
S2815D
1,2,3
Duals only, Note 5
VIN = 18, 28, 40 Volts
-5.0
-3.0
-3.0
5.0
3.0
3.0
%


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn