Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F020NI-70T Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT28F020NI-70T
Description  2 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F020NI-70T Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28F020NI-70T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 11Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 12Page - Catalyst Semiconductor CAT28F020NI-70T Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT28F020
9
Doc. No. 25037-00 2/98 F-1
Figure 4. A.C. Timing for Erase Operation
28F020 F11
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
VCC
VPP
tWC
tWC
tRC
tCS
tCH
tCS
tCH
tCH
tEHQZ
tDF
tGHWL
tWPH
tWHWH2
tWHGL
tWP
tDS
HIGH-Z
DATA IN
= 20H
DATA IN
= A0H
VALID
DATA OUT
tDH
tWP
tDH
tDS
tDS
tWP
tDH
tOLZ
tOE
tOH
tLZ
tCE
tVPEL
VPPH
VPPL
0V
5.0V
VCC POWER-UP
& STANDBY
SETUP ERASE
COMMAND
ERASE
COMMAND
ERASING
ERASE VERIFY
COMMAND
ERASE
VERIFICATION
VCC POWER-DOWN/
STANDBY
tAS
tAH
DATA IN
= 20H
tWC
WRITE OPERATIONS
The following operations are initiated by observing the
sequence specified in the Write Command Table.
Read Mode
The device can be put into a standard READ mode by
initiating a write cycle with 00H on the data bus. The
subsequent read cycles will be performed similar to a
standard EPROM or E2PROM Read.
Signature Mode
An alternative method for reading device signature (see
Read Operations Signature Mode), is initiated by writing
the code 90H into the command register while keeping
VPP high. A read cycle from address 0000H with CE and
OE low (and WE high) will output the device signature.
CATALYST Code = 00110001 (31H)
A Read cycle from address 0001H retrieves the binary
code for the device on outputs I/O0 to I/O7.
28F020 Code = 1011 1101 (BDH)
Erase Mode
During the first Write cycle, the command 20H is written
into the command register. In order to commence the
erase operation, the identical command of 20H has to be
written again into the register. This two-step process
ensures against accidental erasure of the memory con-
tents. The final erase cycle will be stopped at the rising
edge of WE, at which time the Erase Verify command
(A0H) is sent to the command register. During this cycle,
the address to be verified is sent to the address bus and
latched when WE goes low. An integrated stop timer
allows for automatic timing control over this operation,
eliminating the need for a maximum erase timing speci-
fication. Refer to AC Characteristics (Program/Erase)
for specific timing parameters.


Similar Part No. - CAT28F020NI-70T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020NI-12T CATALYST-CAT28F020NI-12T Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
CAT28F020NI-90T CATALYST-CAT28F020NI-90T Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F020NI-70T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com