Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVU414PBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVU414PBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVU414PBF Datasheet(HTML) 3 Page - International Rectifier

  PVU414PBF Datasheet HTML 1Page - International Rectifier PVU414PBF Datasheet HTML 2Page - International Rectifier PVU414PBF Datasheet HTML 3Page - International Rectifier PVU414PBF Datasheet HTML 4Page - International Rectifier PVU414PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVU414PbF
www.irf.com
3
Connection Diagrams
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
5 mA control
@ 25°C pulsed
-50
-100
-150
-200
50
100
150
200
-5.0 -4.0 -3.0 -2.0 -1.0
5.0
4.0
3.0
2.0
1.0
Figure 1. Current Derating Curves
Figure 2. Typical Output Capacitance
'A' Connection
200
150
100
50
0
0
10
20
30
40
50
Vdd, Drain-to-Drain Voltage (V)
A
A
ILED=
ILED=


Similar Part No. - PVU414PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVU414PBF IRF-PVU414PBF Datasheet
237Kb / 6P
   HEXFET Power MOSFET output
PVU414PBF IRF-PVU414PBF_15 Datasheet
237Kb / 6P
   HEXFET Power MOSFET output
More results

Similar Description - PVU414PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
   Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
   Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com