Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVI-NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVI-NPBF
Description  Photovoltaic Isolator Single and Dual Channel 5-10 Volt Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVI-NPBF Datasheet(HTML) 1 Page - International Rectifier

  PVI-NPBF Datasheet HTML 1Page - International Rectifier PVI-NPBF Datasheet HTML 2Page - International Rectifier PVI-NPBF Datasheet HTML 3Page - International Rectifier PVI-NPBF Datasheet HTML 4Page - International Rectifier PVI-NPBF Datasheet HTML 5Page - International Rectifier PVI-NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD10054 revG
Series PVI-NPbF
Photovoltaic Isolator
Single and Dual Channel
5-10 Volt Output
General Description
The PVI Series Photovoltaic Isolator generates an
electrically isolated DC voltage upon receipt of a DC
input signal. It is capable of directly driving gates of
power MOSFETs or IGBTs. It utilizes a monolithic
integrated circuit photovoltaic generator of novel
construction as its output. The output is controlled by
radiation from a GaAlAs light emitting diode (LED),
which is optically isolated from the photovoltaic
generator.
The PVI Series is ideally suited for applications
requiring high-current and/or high-voltage switching
with optical isolation between the low-level driving
circuitry and high-energy or high-voltage load circuits.
It can be used for directly driving gates of power
MOSFETs. The dual-channel device allows its outputs
to drive independent discrete power MOSFETs, or be
connected in parallel or in series to provide higher
current drive for power MOSFETs or higher voltage
drive for IGBTs. The PVI Series Photovoltaic isolators
employ fast turn-off circuitry.
These PVI Series Photovoltaic Isolators are packaged
in 8-pin, molded DIP packages and available with either
thru-hole or surface-mount (“gull-wing”) leads, in plastic
shipping tubes.
Applications
Features
Isolated Voltage Source
Monolithic Construction
Up to 8µA Output
Single or Dual Output
Solid-State Reliability
Part Identification
PVI1050NPbF
PVI5050NPbF
PVI5080NPbF
PVI1050NSPbF
PVI5050NSPbF
PVI5080NSPbF
PVI1050NS-TPbF
thru-hole
surface-mount
(gull-wing)
surface-mount, tape
and reel
www.irf.com
1
Load Distribution
Industrial Controls
Current-to-Voltage Conversion
Custom Solid-State Relay


Similar Part No. - PVI-NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVI-NPBF IRF-PVI-NPBF Datasheet
223Kb / 7P
   Isolated Voltage Source
PVI-NPBF IRF-PVI-NPBF_15 Datasheet
223Kb / 7P
   Isolated Voltage Source
More results

Similar Description - PVI-NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVI1050N IRF-PVI1050N Datasheet
136Kb / 6P
   Photovoltaic Isolator Single and Dual Channel 5-10 Volt Output
logo
Infineon Technologies A...
PVI1050NPBF INFINEON-PVI1050NPBF Datasheet
1Mb / 8P
   Photovoltaic Isolator Single and Dual Channel 5-10 Volt Output
2017-12-05
PVI5080NPBF INFINEON-PVI5080NPBF Datasheet
707Kb / 7P
   Photovoltaic Isolator Single Channel 5-10 Volt Output
2017-12-05
logo
International Rectifier
PVI5100 IRF-PVI5100 Datasheet
103Kb / 5P
   Photovoltaic Isolator 5-10 Volt Output
logo
List of Unclassifed Man...
FC15539 ETC2-FC15539 Datasheet
495Kb / 2P
   SINGLE AND DUAL-CHANNEL 5-VOLT TRANSCEIVERS
logo
International Rectifier
PVI5033R IRF-PVI5033R Datasheet
90Kb / 4P
   Photovoltaic Isolator
PVI5033RPBF IRF-PVI5033RPBF Datasheet
902Kb / 4P
   Photovoltaic Isolator, Solid-State, Opto-Isolated MOSFET Gate Driver, Dual-Channel, 5V, 5關A
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
logo
International Rectifier
PVI5013R IRF-PVI5013R Datasheet
143Kb / 4P
   PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0mA
logo
Recom International Pow...
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com