Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C512HNA-12T Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT28C512HNA-12T
Description  512K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C512HNA-12T Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT28C512HNA-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C512HNA-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Advanced
CAT28C512/513
2
Doc. No. 25074-00 2/98
PIN CONFIGURATION
TSOP Package (10mm X 14mm) (T14)
PLCC Package (N)
DIP Package (P)
PIN FUNCTIONS
Pin Name
Function
A0–A15
Address Inputs
I/O0–I/O7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
Pin Name
Function
WE
Write Enable
VCC
5V Supply
VSS
Ground
NC
No Connect
PLCC Package (N)
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
I/O6
I/O5
I/O4
I/O2
A1
A2
VCC
WE
A8
A9
A11
OE
A7
A6
A5
A4
A3
A10
I/O7
A12
16
15
CE
I/O3
I/O1
I/O0
A0
A14
NC
NC
NC
NC
NC
NC
NC
A15
NC
NC
VSS
NC
NC
29
30
31
32
33
34
35
36
37
38
39
40
I/O2
VSS
I/O6
I/O5
13
14
20
19
18
17
9
10
11
12
24
23
22
21
A1
A0
I/O0
I/O1
OE
A10
CE
I/O7
A5
A4
A3
A2
5
6
7
8
1
2
3
4
A14
A12
A7
A6
A9
A11
28
27
26
25
VCC
WE
A13
A8
A6
A5
A4
A3
5
6
7
8
A2
A1
A0
9
10
11
12
I/O0
13
A8
A9
A11
29
28
27
26
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
A7
A13
I/O4
I/O3
16
15
TOP VIEW
A14
CAT28C512
29
30
31
32
NC
NC
NC
A15
A6
A5
A4
A3
5
6
7
8
A2
A1
A0
NC
9
10
11
12
I/O0
13
A8
A9
A11
29
28
27
26
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
NC
I/O6
TOP VIEW
CAT28C513
TSOP Package (8mmx20mm) (T)
5096 FHD F01
CAT28C512
TOP VIEW
CAT28C512
TOP VIEW
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
I/O6
I/O5
I/O4
I/O2
A1
A2
VCC
WE
A8
A9
A11
OE
A7
A6
A5
A4
A3
A10
I/O7
A12
16
15
CE
I/O3
I/O1
I/O0
A0
A14
NC
NC
NC
A15
29
30
31
32
Vss


Similar Part No. - CAT28C512HNA-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C512H-12T CATALYST-CAT28C512H-12T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C512H-12T ONSEMI-CAT28C512H-12T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512H-15T CATALYST-CAT28C512H-15T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C512H-15T ONSEMI-CAT28C512H-15T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512HA-12T CATALYST-CAT28C512HA-12T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C512HNA-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com