Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1048S15RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MA1048S15RW
Description  MA1000RW SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1048S15RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MA1048S15RW Datasheet HTML 1Page - MicroPower Direct, LLC MA1048S15RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
10W Output Power
2:1 Input Voltage Range
Compact DIP Case
1,500 VDC I/O Isolation
Meets EN 55022 “A”
Single & Dual Outputs
Wide Temperature Operation
Industry Standard Pin-Out
MA1000RW
2:1 Input Range, 10W
Single & Dual Output
DC/DC Converters
Series
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Input Filter
(Pi) Filter (Meets EN 55022 Class “A”)
Input Reflected Ripple Current
35.0
mA P - P
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation, See Note 1
Single Output
±0.5
%
Dual Output
±1.0
Cross Regulation, Dual Output
See Note 2
±5.0
%
Ripple & Noise (20 MHz)
See Note 3
75
mV P - P
Output Power Protection
150
% IOUT
Temperature Coefficient
±0.02
%/ºC
Output Short Circuit Protection
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage (Input/Output)
3 Seconds
1,500
VDC
Isolation Voltage (Case/Input, Output)
3 Seconds
1,000
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/1V
1,000
pF
Switching Frequency
330
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
EN 55022
Class A
Conducted Emissions, See Note 4
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B
RS
EN 61000-4-3
Criteria A
EFT, See Note 4
EN 61000-4-4
Criteria B
Surge, See Note 4
EN 61000-4-5
Criteria B
CS
EN 61000-4-6
Criteria A
PFMF
EN 61000-4-8
Criteria A
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
ºC
Operating Temperature Range
Case
+100
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm)
Case Material
Copper With Nickel Coating (UL94V-0)
Weight
0.60 Oz (17g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MA1048S15RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA1048S-03RU MPD-MA1048S-03RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1048S-05RU MPD-MA1048S-05RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1048S-12RU MPD-MA1048S-12RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1048S-15RU MPD-MA1048S-15RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA1048S15RW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com