Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA848D12RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA848D12RW
Description  MA800RW SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA848D12RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA848D12RW Datasheet HTML 1Page - MicroPower Direct, LLC MA848D12RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve
Pin
Single
Dual
2-VIN
-VIN
3-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22
+VIN
+VIN
23
+VIN
+VIN
NC: No Connection
Pin Connections
Model
Number
Input
Output
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA812S-03RW
12
9.0 - 18.0
687
20
3.3
2,000
0.0
3,300
80
2,000
MA812S-05RW
12
9.0 - 18.0
762
20
5.0
1,500
0.0
2,200
82
2,000
MA812S-12RW
12
9.0 - 18.0
784
20
12.0
665
0.0
470
85
2,000
MA812S-15RW
12
9.0 - 18.0
803
20
15.0
535
0.0
220
83
2,000
MA812D-05RW
12
9.0 - 18.0
813
20
±5.0
±800
±0.0
±1,000
82
2,000
MA812D-12RW
12
9.0 - 18.0
794
20
±12.0
±335
±0.0
±220
84
2,000
MA812D-15RW
12
9.0 - 18.0
794
20
±15.0
±265
±0.0
±100
84
2,000
MA824S-03RW
24
18.0 - 36.0
344
15
3.3
2,000
0.0
3,300
80
1,000
MA824S-05RW
24
18.0 - 36.0
381
15
5.0
1,500
0.0
2,200
82
1,000
MA824S-12RW
24
18.0 - 36.0
392
15
12.0
665
0.0
470
85
1,000
MA824S-15RW
24
18.0 - 36.0
397
15
15.0
535
0.0
220
84
1,000
MA824D-05RW
24
18.0 - 36.0
407
15
±5.0
±800
±0.0
±1,000
82
1,000
MA824D-12RW
24
18.0 - 36.0
402
15
±12.0
±335
±0.0
±220
83
1,000
MA824D-15RW
24
18.0 - 36.0
392
15
±15.0
±265
±0.0
±100
85
1,000
MA848S-03RW
48
36.0 - 72.0
172
15
3.3
2,000
0.0
3,300
80
500
MA848S-05RW
48
36.0 - 72.0
191
15
5.0
1,500
0.0
2,200
82
500
MA848S-12RW
48
36.0 - 72.0
198
15
12.0
665
0.0
470
84
500
MA848S-15RW
48
36.0 - 72.0
198
15
15.0
535
0.0
220
84
500
MA848D-05RW
48
36.0 - 72.0
203
15
±5.0
±800
±0.0
±1,000
82
500
MA848D-12RW
48
36.0 - 72.0
196
15
±12.0
±335
±0.0
±220
85
500
MA848D-15RW
48
36.0 - 72.0
196
15
±15.0
±265
±0.0
±100
85
500
Notes:
1. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V output models
is ±1.5% max for a load change of 0% to 100%.
2. When measuring cross regulation, the load on one output is varied from 25% to 100% while the other
output is held at 100%.
3. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor be placed
from the +VOUT pin to the -VOUT pin for single output units and from each output to common for dual
output units. For noise sensitive applications, the use of 3.3 µF capacitors will reduce the output ripple.
4. To help meet conducted emissions requirements, the Pi filter components (C1, & L1) in the diagram
below should be used. These components should be mounted as close to the module as possible.
To meet the requirements of EN 61000-4-4 and EN 61000-4-5, an external filter capacitor (C2 in the
diagram below) is required.
5. Operation at no-load will not damage these units. However, they may not meet all specifications.
6. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this, connect
the load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Recommended Input Components


Similar Part No. - MA848D12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA848D-05RU MPD-MA848D-05RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA848D-12RU MPD-MA848D-12RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA848D-15RU MPD-MA848D-15RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA848D12RW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com