Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D44H8 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # D44H8
Description  Silicon NPN Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

D44H8 Datasheet(HTML) 2 Page - Savantic, Inc.

  D44H8 Datasheet HTML 1Page - Savantic, Inc. D44H8 Datasheet HTML 2Page - Savantic, Inc. D44H8 Datasheet HTML 3Page - Savantic, Inc. D44H8 Datasheet HTML 4Page - Savantic, Inc. D44H8 Datasheet HTML 5Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
D44H8
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=10mA IB=0,
60
V
VCEsat
Collector-emitter saturation voltage
IC=8A; IB=0.4A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=8A ;IB=0.8A
1.5
V
ICES
Collector cut-off current
VCE=60V; VBE=0
10
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
mA
hFE-1
DC current gain
IC=2A ; VCE=1V
60
hFE-2
DC current gain
IC=4A ; VCE=1V
40
fT
Transition frequency
IC=0.5A ; VCE=10V
50
MHz
Ccb
Collector capacitance
f=1MHz ; VCB=10V
130
pF
Switching times
ton
Turn-on time
0.3
µs
ts
Storage time
0.5
µs
tf
Fall time
IC=5A IB1=- IB2=0.5A
0.14
µs


Similar Part No. - D44H8

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D44H8 MOSPEC-D44H8 Datasheet
157Kb / 3P
   POWER TRANSISTORS(10A,30-80V,50W)
logo
Inchange Semiconductor ...
D44H8 ISC-D44H8 Datasheet
201Kb / 5P
   Silicon NPN Power Transistors
logo
ON Semiconductor
D44H8 ONSEMI-D44H8 Datasheet
103Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
STMicroelectronics
D44H8 STMICROELECTRONICS-D44H8 Datasheet
62Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
D44H8 FAIRCHILD-D44H8 Datasheet
153Kb / 4P
   NPN Power Amplifier
More results

Similar Description - D44H8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com