Electronic Components Datasheet Search |
|
MA1012S15RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC |
|
MA1012S15RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC |
1 / 2 page Key Features: • 10W Output Power • 2:1 Input Voltage Range • Compact DIP Case • 1,500 VDC I/O Isolation • Meets EN 55022 “A” • Single & Dual Outputs • Wide Temperature Operation • Industry Standard Pin-Out MA1000RW 2:1 Input Range, 10W Single & Dual Output DC/DC Converters Series www.micropowerdirect.com MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com Electrical Specifications Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range 12 VDC Input 9.0 12.0 18.0 VDC 24 VDC Input 18.0 24.0 36.0 48 VDC Input 36.0 48.0 75.0 Input Filter (Pi) Filter (Meets EN 55022 Class “A”) Input Reflected Ripple Current 35.0 mA P - P Output Parameter Conditions Min. Typ. Max. Units Output Voltage Accuracy ±1.0 % Line Regulation VIN = Min to Max ±0.5 % Load Regulation, See Note 1 Single Output ±0.5 % Dual Output ±1.0 Cross Regulation, Dual Output See Note 2 ±5.0 % Ripple & Noise (20 MHz) See Note 3 75 mV P - P Output Power Protection 150 % IOUT Temperature Coefficient ±0.02 %/ºC Output Short Circuit Protection Continuous (Autorecovery) General Parameter Conditions Min. Typ. Max. Units Isolation Voltage (Input/Output) 3 Seconds 1,500 VDC Isolation Voltage (Case/Input, Output) 3 Seconds 1,000 Isolation Resistance 500 VDC 1,000 M Isolation Capacitance 100 kHz/1V 1,000 pF Switching Frequency 330 kHz EMI Characteristics Parameter Standard Level Radiated Emissions EN 55022 Class A Conducted Emissions, See Note 4 EN 55022 Class A ESD EN 61000-4-2 Criteria B RS EN 61000-4-3 Criteria A EFT, See Note 4 EN 61000-4-4 Criteria B Surge, See Note 4 EN 61000-4-5 Criteria B CS EN 61000-4-6 Criteria A PFMF EN 61000-4-8 Criteria A Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient -40 +85 ºC Operating Temperature Range Case +100 ºC Storage Temperature Range -40 +125 ºC Cooling Free Air Convection Humidity RH, Non-condensing 95 % Physical Case Size 1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm) Case Material Copper With Nickel Coating (UL94V-0) Weight 0.60 Oz (17g) Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 25ºC, Gnd Benign 1.0 MHours Absolute Maximum Ratings Parameter Conditions Min. Typ. Max. Units Input Voltage Surge (1 Sec) 12 VDC Input -0.7 25.0 VDC 24 VDC Input -0.7 50.0 48 VDC Input -0.7 100.0 Lead Temperature 1.5 mm From Case For 10 Sec 260 ºC Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings. |
Similar Part No. - MA1012S15RW |
|
Similar Description - MA1012S15RW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |