Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C17P-1.8TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25C17P-1.8TE13
Description  2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C17P-1.8TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25C17P-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C17P-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CAT25C03/05/09/17/33
Doc. No. 25068-00 2/98
Advanced
FUNCTIONAL DESCRIPTION
The CAT25C03/05/09/17/33 supports the SPI bus data
transmission protocol. The synchronous Serial Periph-
eral Interface (SPI) helps the CAT25C03/05/09/17/33 to
interface directly with many of today’s popular
microcontrollers. The CAT25C03/05/09/17/33 contains
an 8-bit instruction register. (The instruction set and the
operation codes are detailed in the instruction set table)
After the device is selected with
CS going low, the first
byte will be received. The part is accessed via the SI pin,
with data being clocked in on the rising edge of SCK.
The first byte contains one of the six op-codes that define
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses, and data to be written to the
25C03/05/09/17/33. Input data is latched on the rising
edge of the serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the 25C03/05/09/17/33. During a
read cycle, data is shifted out on the falling edge of the
serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchro-
nize the communication between the microcontroller
and the 25C03/05/09/17/33. Opcodes, byte addresses,
or data present on the SI pin are latched on the rising
edge of the SCK. Data on the SO pin is updated on the
falling edge of the SCK.
CS
CS
CS
CS
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT25C03/
05/09/17/33 and
CS high disables the CAT25C03/05/
09/17/33.
CS high takes the SO output pin to high
impedance and forces the devices into a Standby Mode
(unless an internal write operation is underway)
The
CAT25C03/05/09/17/33 draws ZERO current in the
Standby mode. A high to low transition on
CS is required
prior to any sequence being initiated. A low to high
transition on
CS after a valid write sequence is what
initiates an internal write cycle.
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When
WP is tied low, all write operations to the device
are inhibited.
WP going low while CS is still low will
interrupt a write to the status register. If the internal write
cycle has already been initiated,
WP going low will have
no effect on any write operation to the status register.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
HOLD is the HOLD pin. The HOLD pin is used to pause
transmission to the CAT25C03/05/09/17/33 while in the
middle of a serial sequence without having to re-transmit
entire sequence at a later time. To pause,
HOLD must be
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 X011(1)
Read Data from Memory
WRITE
0000 X010(1)
Write Data to Memory
INSTRUCTION SET
Note:
(1) X=O for 25C03, 25C09, 25C17 and 25C33. X=A8 for 25C05
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Similar Part No. - CAT25C17P-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C17P-1.8TE13 CATALYST-CAT25C17P-1.8TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C17P-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com