Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA2352NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVA2352NPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA2352NPBF Datasheet(HTML) 1 Page - International Rectifier

  PVA2352NPBF Datasheet HTML 1Page - International Rectifier PVA2352NPBF Datasheet HTML 2Page - International Rectifier PVA2352NPBF Datasheet HTML 3Page - International Rectifier PVA2352NPBF Datasheet HTML 4Page - International Rectifier PVA2352NPBF Datasheet HTML 5Page - International Rectifier PVA2352NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD10051 revI
Series PVA33NPbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single-Pole, Normally-Open
0-300V AC/DC, 150mA
General Description
The PVA33 Series AC Relay (PVA) is a single-
pole, normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting
diode (LED), which is optically isolated from the
photovoltaic generator.
The PVA33 Series overcomes the limitations of
both conventional electromechanical and reed
relays by offering the solid state advantages of
long life, fast operating speed, low pick up power,
bounce-free operation, low thermal offset voltages
and miniature package. These advantages allow
product improvement and design innovations in many
applications such as process control, multiplexing,
automatic test equipment and data acquisition.
ThePVA33canswitchanalogsignalsfromthermocouple
level to 300 Volts peak AC or DC polarity. Signal
frequencies into the RF range are easily controlled
and switching rates up to 500Hz are achievable. The
extremely small thermally generated offset voltages
allow increased measurement accuracies.
These relays are packaged in 8-pin, molded DIP
packages and available with either thru-hole or surface-
mount (“gull-wing”) leads, in plastic shipping tubes.
Applications
Process Control
Data Acquisition
Test Equipment
Multiplexing and Scanning
Features
Bounce-Free Operation
1010 Off-State Resistance
1,000 V/µsec dv/dt
0.2 µV Thermal Offset
5 mA Input Sensitivity
4,000 V
RMS I/O Isolation
Solid-State Reliability
UL Recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVA2352NPbF
PVA3324NPbF
PVA3354NPbF
PVA2352NSPbF
PVA3324NSPbF
PVA3354NSPbF
surface-mount
(gull-wing)
thru-hole
www.irf.com
1


Similar Part No. - PVA2352NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA2352N IRF-PVA2352N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA2352NS IRF-PVA2352NS Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results

Similar Description - PVA2352NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com