Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F002 Datasheet(PDF) 15 Page - Catalyst Semiconductor

Part # CAT28F002
Description  2 Megabit CMOS Boot Block Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F002 Datasheet(HTML) 15 Page - Catalyst Semiconductor

Back Button CAT28F002 Datasheet HTML 8Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 9Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 10Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 11Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 12Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 13Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 14Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 15Page - Catalyst Semiconductor CAT28F002 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CAT28F002
15
Doc. No. 25072-00 2/98 F-1
ALTERNATE CE-CONTROLLED WRITES
VCC = +5V ±10%, unless otherwise specified
JEDEC
Standard
28F002-90
28F002-12
28F002-15
Symbol
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Unit
tAVAV
tWC
Write Cycle Time
90
120
150
ns
tAVEH
tAS
Address Setup to
CE Going High
50
50
50
ns
tEHAX
tAH
Address Hold Time from
CE Going High
0
0
0
ns
tDVEH
tDS
Data Setup Time to
CE Going High
40
40
40
ns
tEHDX
tDH
Data Hold Time from
CE Going High
0
0
0
ns
tWLEL
tWS
WE Setup Time to CE Going Low
0
0
0
ns
tEHWH
tWH
WE Hold Time from CE Going High
0
0
0
ns
tELEH
tCP
CE Pulse Width
50
50
50
ns
tEHEL
tEPH
CE Pulse Width High
30
30
30
ns
tPHEL
tPS(1)
RP High Recovery to CE Going Low
215
215
215
ns
tPHHEH
tPHS(1) RP VHH Setup to CE Going High
100
100
100
ns
tVPEH
tVPS(1) VPP Setup to CE Going High
100
100
100
ns
tEHQV1
Duration of Programming Operations
6
6
6
µs
tEHQV2
Duration of Erase Operations (Boot)
0.3
0.3
0.3
Sec
tEHQV3
Duration of Erase Operations (Parameter)
0.3
0.3
0.3
Sec
tEHQV4
Duration of Erase Operations (Main)
0.6
0.6
0.6
Sec
tQVVL
tVPH(1) VPP Hold from Valid Status Reg Data
0
0
0
ns
tQVPH
tPHH(1) RP VHH Hold from Status Reg Data
0
0
0
ns
tPHBR(1)
Boot Block Relock Delay
100
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT28F002

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com